Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6727BRFP300 Datasheet(PDF) 98 Page - Texas Instruments

Part # TMS320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6727BRFP300 Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS320C6727BRFP300 Datasheet HTML 94Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 95Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 96Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 97Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 98Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 99Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 100Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 101Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 118 page
background image
10
8
4
3
7
12
5
6
14
2
3
13
Stop
Start
Repeated
Start
Stop
I2Cx_SDA
I2Cx_SCL
1
11
9
25
23
19
18
22
27
20
21
17
18
28
Stop
Start
Repeated
Start
Stop
I2Cx_SDA
I2Cx_SCL
16
26
24
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Table 4-37. I2C Switching Characteristics (continued)
NO.
PARAMETER
MIN
MAX
UNIT
Standard Mode
4.7
19
tw(SCLL)
Pulse duration, I2Cx_SCL low
µs
Fast Mode
1.3
Standard Mode
4
20
tw(SCLH)
Pulse duration, I2Cx_SCL high
µs
Fast Mode
0.6
Standard Mode
250
Setup time, I2Cx_SDA valid before I2Cx_SCL
21
tsu(SDAV-SCLH)
ns
high
Fast Mode
100
Standard Mode
0
22
th(SCLL-SDAV)
Hold time, I2Cx_SDA valid after I2Cx_SCL low
µs
Fast Mode
0
0.9
Standard Mode
4.7
23
tw(SDAH)
Pulse duration, I2Cx_SDA high
µs
Fast Mode
1.3
Standard Mode
4
Setup time, I2Cx_SCL high before I2Cx_SDA
28
tsu(SCLH-SDAH)
µs
high
Fast Mode
0.6
Standard Mode
10
Capacitive load on each bus line from this
29
Cb
pF
device
Fast Mode
10
Figure 4-38. I2C Receive Timings
Figure 4-39. I2C Transmit Timings
Peripheral and Electrical Specifications
98
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com