Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6727BRFP300 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6727BRFP300 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320C6727BRFP300 Datasheet HTML 17Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 18Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 19Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 20Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 21Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 22Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 23Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 24Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
2.9.2
Terminal Functions
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 2-12, the Terminal Functions table, identifies the external signal names, the associated pin/ball
numbers along with the mechanical package designator, the pin type (I, O, IO, OZ, or PWR), whether the
pin/ball has any internal pullup/pulldown resistors, whether the pin/ball is configurable as an IO in GPIO
mode, and a functional pin description.
Table 2-12. Terminal Functions
GDH/
SIGNAL NAME
RFP
TYPE(1)
PULL(2)
GPIO(3)
DESCRIPTION
ZDH
External Memory Interface (EMIF) Address and Control
EM_A[0]
91
J16
O
-
N
EM_A[1]
89
J15
O
-
N
EM_A[2]
88
K15
O
-
N
EM_A[3]
86
L16
O
-
N
EM_A[4]
84
L15
O
-
N
EM_A[5]
83
M16
O
-
N
EM_A[6]
80
M15
O
-
N
EMIF Address Bus
EM_A[7]
79
N16
O
-
N
EM_A[8]
76
N15
O
-
N
EM_A[9]
75
P16
O
-
N
EM_A[10]
93
H15
O
-
N
EM_A[11]
74
P15
O
-
N
EM_A[12]
-
P12
O
IPD
N
EM_BA[0]
96
G15
O
-
N
SDRAM Bank Address and Asynchronous Memory
Low-Order Address
EM_BA[1]
94
H16
O
-
N
EM_CS[0]
97
F15
O
-
N
SDRAM Chip Select
EM_CS[2]
100
E15
O
-
N
Asynchronous Memory Chip Select
EM_CAS
37
R3
O
-
N
SDRAM Column Address Strobe
EM_RAS
98
F16
O
-
N
SDRAM Row Address Strobe
EM_WE
38
T3
O
-
N
SDRAM/Asynchronous Write Enable
EM_CKE
71
T14
O
-
N
SDRAM Clock Enable
EM_CLK
70
R14
O
-
N
EMIF Output Clock
EM_WE_DQM[0]
39
R4
O
-
N
Write Enable or Byte Enable for EM_D[7:0]
EM_WE_DQM[1]
67
T13
O
-
N
Write Enable or Byte Enable for EM_D[15:8]
EM_WE_DQM[2]
-
P13
O
IPU
N
Write Enable or Byte Enable for EM_D[23:16]
EM_WE_DQM[3]
-
R15
O
IPU
N
Write Enable or Byte Enable for EM_D[31:24]
EM_OE
104
D15
O
-
N
SDRAM/Asynchronous Output Enable
EM_RW
102
E16
O
-
N
Asynchronous Memory Read/not Write
Asynchronous Wait Input (Programmable Polarity) or
EM_WAIT
-
D14
I
IPU
N
Interrupt (NAND)
(1)
TYPE column refers to pin direction in functional mode. If a pin has more than one function with different directions, the functions are
separated with a slash (/).
(2)
PULL column:
IPD = Internal Pulldown resistor
IPU = Internal Pullup resistor
(3)
If the GPIO column is 'Y', then in GPIO mode, the pin is configurable as an IO unless otherwise marked.
Submit Documentation Feedback
Device Overview
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com