Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6727BRFP300 Datasheet(PDF) 59 Page - Texas Instruments

Part # TMS320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6727BRFP300 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320C6727BRFP300 Datasheet HTML 55Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 56Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 57Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 58Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 59Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 60Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 61Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 62Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 118 page
background image
EM_D[31:16]/UHPI_HA[15:0](A)
UHPI_HCNTL[1:0]
UHPI_HD[15:0]
UHPI_HD[16]/HHWIL
UHPI_HD[31:17]
UHPI_HAS(B)
UHPI_HBE[3:0]
UHPI_HRW
UHPI_HDS[2]
UHPI_HDS[1]
UHPI_HCS
UHPI_HRDY
AMUTE2/HINT
NC
A[x:y](C)
D[15:0]
D[16]
BE[3:0](D)
R/W
WE(E)
RD(E)
CS
RDY
INTERRUPT
DSP
External Host MCU
D[31:17]
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Figure 4-16 illustrates the Multiplexed Host Address/Data Fullword Mode hookup between the C672x DSP
and an external host microcontroller. In this mode, all 32 bits of UHPI_HD[31:0] are used and the host can
access HPIA, HPID, and HPIC in a single bus cycle.
A.
May be used as EM_D[31:16]
B.
Optional for hosts supporting multiplexed address and data. Pull up if not used. Low when address is on the bus.
C.
Two host address lines or host GPIO if address lines are not available.
D.
Byte Enables (active during reads and writes). Some processors support a byte-enable mode on their write enable
pins.
E.
Only required if needed for strobe timing. Not required if CS meets strobe timing requirements.
Figure 4-16. UHPI Multiplexed Host Address/Data Fullword Mode
Submit Documentation Feedback
Peripheral and Electrical Specifications
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com