Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6727BRFP300 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6727BRFP300 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320C6727BRFP300 Datasheet HTML 45Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 46Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 47Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 48Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 49Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 50Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 51Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 52Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
4.11.3 EMIF Electrical Data/Timing
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 4-5 through Table 4-10 assume testing over recommended operating conditions (see Figure 4-7
through Figure 4-13).
Table 4-5. 100-MHz EMIF SDRAM Interface Timing Requirements(1)
NO.
MIN
MAX UNIT
19
tsu(EM_DV-EM_CLKH)
Input setup time, read data valid on D[31:0] before EM_CLK rising
3
ns
20
th(EM_CLKH-EM_DIV)
Input hold time, read data valid on D[31:0] after EM_CLK rising
1.9
ns
(1)
For more information about supported EMIF frequency, see Table 2-1.
Table 4-6. 100-MHz EMIF SDRAM Interface Switching Characteristics(1)
NO.
PARAMETER
MIN
MAX UNIT
1
tc(EM_CLK)
Cycle time, EMIF clock EM_CLK
10
ns
2
tw(EM_CLK)
Pulse width, EMIF clock EM_CLK high or low
3
ns
3
td(EM_CLKH-EM_CSV)S
Delay time, EM_CLK rising to EM_CS[0] valid
7.7
ns
4
toh(EM_CLKH-EM_CSIV)S
Output hold time, EM_CLK rising to EM_CS[0] invalid
1.15
ns
5
td(EM_CLKH-EM_WE-DQMV)S
Delay time, EM_CLK rising to EM_WE_DQM[3:0] valid
7.7
ns
6
toh(EM_CLKH-EM_WE-DQMIV)S
Output hold time, EM_CLK rising to EM_WE_DQM[3:0] invalid
1.15
ns
7
td(EM_CLKH-EM_AV)S
Delay time, EM_CLK rising to EM_A[12:0] and EM_BA[1:0] valid
7.7
ns
Output hold time, EM_CLK rising to EM_A[12:0] and EM_BA[1:0]
8
toh(EM_CLKH-EM_AIV)S
1.15
ns
invalid
9
td(EM_CLKH-EM_DV)S
Delay time, EM_CLK rising to EM_D[31:0] valid
7.7
ns
10
toh(EM_CLKH-EM_DIV)S
Output hold time, EM_CLK rising to EM_D[31:0] invalid
1.15
ns
11
td(EM_CLKH-EM_RASV)S
Delay time, EM_CLK rising to EM_RAS valid
7.7
ns
12
toh(EM_CLKH-EM_RASIV)S
Output hold time, EM_CLK rising to EM_RAS invalid
1.15
ns
13
td(EM_CLKH-EM_CASV)S
Delay time, EM_CLK rising to EM_CAS valid
7.7
ns
14
toh(EM_CLKH-EM_CASIV)S
Output hold time, EM_CLK rising to EM_CAS invalid
1.15
ns
15
td(EM_CLKH-EM_WEV)S
Delay time, EM_CLK rising to EM_WE valid
7.7
ns
16
toh(EM_CLKH-EM_WEIV)S
Output hold time, EM_CLK rising to EM_WE invalid
1.15
ns
17
tdis(EM_CLKH-EM_DHZ)S
Delay time, EM_CLK rising to EM_D[31:0] 3-stated
7.7
ns
18
tena(EM_CLKH-EM_DLZ)S
Output hold time, EM_CLK rising to EM_D[31:0] driving
1.15
ns
(1)
For more information about supported EMIF frequency, see Table 2-1.
Submit Documentation Feedback
Peripheral and Electrical Specifications
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com