Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 55Page - Cirrus Logic CS4297 Datasheet HTML 56Page - Cirrus Logic CS4297 Datasheet HTML 57Page - Cirrus Logic CS4297 Datasheet HTML 58Page - Cirrus Logic CS4297 Datasheet HTML 59Page - Cirrus Logic CS4297 Datasheet HTML 60Page - Cirrus Logic CS4297 Datasheet HTML 61Page - Cirrus Logic CS4297 Datasheet HTML 62Page - Cirrus Logic CS4297 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 81 page
background image
CS4205
DS489PP4
59
10. POWER MANAGEMENT
10.1
AC ’97 Reset Modes
The CS4205 supports four reset methods, as de-
fined in the AC ’97 Specification: Cold Reset,
Warm Reset, New Warm Reset, and Register Reset.
A Cold Reset results in all AC ’97 logic (registers
included) initialized to its default state. A Warm
Reset or New Warm Reset leaves the contents of
the AC ’97 register set unaltered. A Register Reset
initializes only the AC ’97 registers to their default
states.
10.1.1
Cold Reset
A Cold Reset is achieved by asserting RESET# for
a minimum of 1 µs after the power supply rails
have stabilized. This is done in accordance with the
minimum timing specifications in the AC ’97 Seri-
al Port Timing section on page 10. Once de-assert-
ed, all of the CS4205 registers will be reset to their
default power-on states and the BIT_CLK and
SDATA_IN signals will be reactivated.
10.1.2
Warm Reset
A Warm Reset allows the AC-link to be reactivated
without losing information in the CS4205 registers.
A Warm Reset is required to resume from a D3hot
state where the AC-link had been halted yet full
power had been maintained. A primary codec
Warm Reset is initiated when the SYNC signal is
driven high for at least 1 µs and then driven low in
the absence of the BIT_CLK clock signal. The
BIT_CLK clock will not restart until at least 2 nor-
mal BIT_CLK clock periods (162.8 ns) after the
SYNC signal is de-asserted. A Warm Reset of the
secondary codec is recognized when the primary
codec on the AC-link resumes BIT_CLK genera-
tion. The CS4205 will wait for BIT_CLK to be sta-
ble to restore SDATA_IN activity, S/PDIF and/or
serial data port transmission on the following
frame.
10.1.3
New Warm Reset
The New Warm Reset also allows the AC-link to
be reactivated without losing information in the
registers. A New Warm Reset is required to resume
from a D3cold state where AC-link power has been
removed. New Warm Reset is recognized by the
low-high transition of RESET# after the AC-link
has been programmed into PR4 powerdown. The
New Warm Reset functionality can be disabled by
setting the CRST bit in the Misc. Crystal Control
Register (Index 60h).
10.1.4
Register Reset
The last reset mode provides a Register Reset to the
CS4205. This is available only when the CS4205
AC-link is active and the Codec Ready bit is ‘set’.
The audio (including extended audio) control reg-
isters (Index 00h - 3Ah) and the vendor specific
registers (Index 5Ah - 7Ah) are reset to their de-
fault states by a write of any value to the Reset Reg-
ister (Index 00h). The modem (including GPIO)
registers (Index 3Ch - 56h) are reset to their default
states by a write of any value to the Extended Mo-
dem ID Register (Index 3Ch).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com