Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 75 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 75 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 71Page - Cirrus Logic CS4297 Datasheet HTML 72Page - Cirrus Logic CS4297 Datasheet HTML 73Page - Cirrus Logic CS4297 Datasheet HTML 74Page - Cirrus Logic CS4297 Datasheet HTML 75Page - Cirrus Logic CS4297 Datasheet HTML 76Page - Cirrus Logic CS4297 Datasheet HTML 77Page - Cirrus Logic CS4297 Datasheet HTML 78Page - Cirrus Logic CS4297 Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 81 page
background image
CS4205
DS489PP4
75
This pin is a general purpose I/O pin that can be used to interface with various external circuitry. When
configured as an input, it functions as a Schmitt triggered input with 350 mV hysteresis at 5 V and
220 mV hysteresis at 3.3 V. When configured as an output, it can function as a normal CMOS output
(4 mA drive) or as an open drain output. This pin also provides the serial data for the first serial data
port when the SDEN bit in the Serial Port Control Register (Index 6Ah) is ‘set’. This pin powers up in
the high impedance state for backward compatibility.
GPIO2/SDI1 - General Purpose I/O / Serial Data Input 1, Input/Output, Pin 39
This pin is a general purpose I/O pin that can be used to interface with various external circuitry. When
configured as an input, it functions as a Schmitt triggered input with 350 mV hysteresis at 5 V and
220 mV hysteresis at 3.3 V. When configured as an output, it can function as a normal CMOS output
(4 mA drive) or as an open drain output. This pin also receives the serial data for the first serial input
port when the SDI1 bit in the Serial Port Control Register (Index 6Ah) is ‘set’. This pin powers up in the
high impedance state for backward compatibility.
GPIO3/SDI2 - General Purpose I/O / Serial Data Input 2, Input/Output, Pin 40
This pin is a general purpose I/O pin that can be used to interface with various external circuitry. When
configured as an input, it functions as a Schmitt triggered input with 350 mV hysteresis at 5 V and
220 mV hysteresis at 3.3 V. When configured as an output, it can function as a normal CMOS output
(4 mA drive) or as an open drain output. This pin also receives the serial data for the second serial input
port when the SDI2 bit in the Serial Port Control Register (Index 6Ah) is ‘set’. This pin powers up in the
high impedance state for backward compatibility.
GPIO4/SDI3 - General Purpose I/O / Serial Data Input 3, Input/Output, Pin 41
This pin is a general purpose I/O pin that can be used to interface with various external circuitry. When
configured as an input, it functions as a Schmitt triggered input with 350 mV hysteresis at 5 V and
220 mV hysteresis at 3.3 V. When configured as an output, it can function as a normal CMOS output
(4 mA drive) or as an open drain output. This pin also receives the serial data for the third serial input
port when the SDI3 bit in the Serial Port Control Register (Index 6Ah) is ‘set’. This pin powers up in the
high impedance state for backward compatibility.
ZLRCLK - ZV Port Left-Right Clock, Input, Pin 32
This pin receives the Left/Right clock for the Zoomed Video Port. The L/R clock determines which
channel is currently being inputted on the ZSDATA pin. The signal must conform to the ZV Port
Specification.
ZSDATA - ZV Port Serial Data, Input, Pin 33
This pin receives two’s complement MSB-first serial audio data for the Zoomed Video Port. The data is
clocked into the CS4205 by the ZSCLK, and the channel is determined by ZLRCLK. The signal must
conform to the ZV Port Specification.
ZSCLK - ZV Port Serial Clock, Input, Pin 34
This pin receives the serial clock for the Zoomed Video Port. The serial clock is used to clock data on
the ZSDATA pin into the CS4205. The signal must conform to the ZV Port Specification.
Power Supply Pins
DVdd1, DVss1 - Digital Supply Voltage 1 / Digital Ground 1, Pins 1 and 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com