Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 22Page - Cirrus Logic CS4297 Datasheet HTML 23Page - Cirrus Logic CS4297 Datasheet HTML 24Page - Cirrus Logic CS4297 Datasheet HTML 25Page - Cirrus Logic CS4297 Datasheet HTML 26Page - Cirrus Logic CS4297 Datasheet HTML 27Page - Cirrus Logic CS4297 Datasheet HTML 28Page - Cirrus Logic CS4297 Datasheet HTML 29Page - Cirrus Logic CS4297 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
CS4205
26
DS489PP4
Reg Register Name
D15 D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 Default
00h
PCM Input Volume
Mute
0
GL5
GL4
GL3
GL2
GL1
GL0
0
0
GR5 GR4 GR3 GR2 GR1 GR0
8000h
01h
ADC Input Volume
Mute
0
GL5
GL4
GL3
GL2
GL1
GL0
0
0
GR5 GR4 GR3 GR2 GR1 GR0
8000h
02h
SDI1 Volume
Mute
0
GL5
GL4
GL3
GL2
GL1
GL0
0
0
GR5 GR4 GR3 GR2 GR1 GR0
8000h
03h
SDI2 Volume
Mute
0
GL5
GL4
GL3
GL2
GL1
GL0
0
0
GR5 GR4 GR3 GR2 GR1 GR0
8000h
04h
SDI3 Volume
Mute
0
GL5
GL4
GL3
GL2
GL1
GL0
0
0
GR5 GR4 GR3 GR2 GR1 GR0
8000h
05h
ZV Volume
Mute
0
GL5
GL4
GL3
GL2
GL1
GL0
0
0
GR5 GR4 GR3 GR2 GR1 GR0
8000h
06h
SDOUT Volume
Mute
0
GL5
GL4
GL3
GL2
GL1
GL0
0
0
GR5 GR4 GR3 GR2 GR1 GR0
8000h
07h
SDO2 Volume
Mute
0
GL5
GL4
GL3
GL2
GL1
GL0
0
0
GR5 GR4 GR3 GR2 GR1 GR0
8000h
08h
SP Engine Control
Res
SDI1M SRZC1 SRZC0 LPFS1 LPFS0 HPFS1 HPFS0 GL3
GL2
GL1
GL0
GR3 GR2 GR1 GR0
1800h
09h
IEC Config
EROF ELOF
MROF
MLOF
0
AMOR AROR
ALOR
00000000
0000h
0Ah
IEC Wakeup
EROF ELOF
MROF
MLOF
0
AMOR AROR
ALOR
00000000
0000h
0Bh
IEC Status
EROF ELOF
MROF
MLOF
0
AMOR AROR
ALOR
00000000
0000h
0Ch BDI Config
E15
E14
E13
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
E2
E1
E0
0000h
0Dh BDI Wakeup
E15
E14
E13
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
E2
E1
E0
0000h
0Eh
ZV Port Ctrl/Stat 1
ZVEN LOCK
0
Ph24
Ph23
Ph22
Ph21
Ph20
Ph19 Ph18 Ph17 Ph16 Ph15 Ph14 Ph13 Ph12
0000h
0Fh
ZV Port Ctrl/Stat 2
Reserved
Ph11
Ph10
Ph9
Ph8
Ph7
Ph6
Ph5
Ph4
Ph3
Ph2
Ph1
Ph0
0000h
Table 3. Indirectly Addressed Register Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com