Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 30Page - Cirrus Logic CS4297 Datasheet HTML 31Page - Cirrus Logic CS4297 Datasheet HTML 32Page - Cirrus Logic CS4297 Datasheet HTML 33Page - Cirrus Logic CS4297 Datasheet HTML 34Page - Cirrus Logic CS4297 Datasheet HTML 35Page - Cirrus Logic CS4297 Datasheet HTML 36Page - Cirrus Logic CS4297 Datasheet HTML 37Page - Cirrus Logic CS4297 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
CS4205
34
DS489PP4
5.12
General Purpose Register (Index 20h)
POP
PCM Out Path. When ‘clear’, the PCM out path is mixed pre 3D. When ‘set’, the PCM out path
is mixed post 3D.
ST
Stereo Enhancement Enable. When ‘set’, the ST bit enables the simulated stereo enhance-
ment via the SRS Mono algorithm.
3D
3D Enable. When ‘set’, the 3D bit enables the 3D stereo enhancement via the SRS Stereo
algorithm.
LD
Loudness Enable. When ‘set’, the LD bit enables the loudness or “bass boost” via the equal-
izer algorithm.
MIX
Mono Output Path. This bit controls the source of the mono output driver. When ‘clear’, the
output of the stereo-to-mono mixer is sent to the mono output. When ‘set’, the output of the
microphone boost stage is sent to the mono output. The source of the stereo-to-mono mixer
is controlled by the TMM bit in the AC Mode Control Register (Index 5Eh). The source of the
microphone boost stage is controlled by the MS bit in the General Purpose Register
(Index 20h).
MS
Microphone Select. The MS bit determines which of the two Mic inputs are passed to the mix-
er. When ‘set’, the MIC2 input is selected. When ‘clear’, the MIC1 input is selected.
LPBK
Loopback Enable. When ‘set’, the LPBK bit enables the ADC/DAC Loopback Mode. This bit
routes the output of the ADCs to the input of the DACs without involving the AC-link.
Default
0000h
5.13
3D Control Register (Index 22h)
CR[3:0]
Center Control. The CR[3:0] bits control the amount of the sum signal, (L+R), that is added
to the final left and right digital signals.
DP[3:0]
Depth Control. The DP[3:0] bits control the amount of processed difference signal, (L-R)p,
that is added to the final left and right digital signals.
Default
0000h. This value corresponds to -22.5 dB center and depth attenuation.
This register is used to control the center and depth of the SRS stereo enhancement function in the effects engine.
Each step corresponds to 1.5 dB gain adjustment, with a total available range from 0 dB to -22.5 dB attenuation.
The recommended starting point for listening is -12 dB center attenuation and -4.5 dB depth attenuation, a register
value of 070Ch.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
POP
ST
3D
LD
0
0
MIX
MS
LPBK
0
0
0
0
0
0
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
CR3
CR2
CR1
CR0
0
0
0
0
DP3
DP2
DP1
DP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com