Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4297 Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 61Page - Cirrus Logic CS4297 Datasheet HTML 62Page - Cirrus Logic CS4297 Datasheet HTML 63Page - Cirrus Logic CS4297 Datasheet HTML 64Page - Cirrus Logic CS4297 Datasheet HTML 65Page - Cirrus Logic CS4297 Datasheet HTML 66Page - Cirrus Logic CS4297 Datasheet HTML 67Page - Cirrus Logic CS4297 Datasheet HTML 68Page - Cirrus Logic CS4297 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
CS4205
DS489PP4
65
12.1.3
Microphone Inputs
Figure 28 illustrates an input circuit suitable for dy-
namic and electret microphones. Electret, also
known as phantom-powered, microphones use the
right channel (ring) of the jack for power. The de-
sign also supports the recommended advanced fre-
quency response for voice recognition as specified
in PC 99 and PC 2001. The microphone input of the
CS4205 has an integrated pre-amplifier. Using
combinations of the 10dB bit in the Misc. Crystal
Control Register (Index 60) and the 20dB bit in the
Mic Volume Register (Index 0Eh) the pre-amplifier
gain can be set to 0 dB, 10 dB, 20 dB, or 30 dB.
12.1.4
PC Beep Input
The PC_BEEP input is useful for mixing the output
of the “beeper” (timer chip), provided in most PCs,
with the other audio signals. When the CS4205 is
held in reset, PC_BEEP is passed directly to the
line output. This allows the system sounds or
“beeps” to be available before the AC ’97 interface
has been activated. Figure 29 illustrates a typical
input circuit for the PC_BEEP input. If PC_BEEP
is driven from a CMOS gate, the 4.7 k
Ω resistor
should be tied to analog ground instead of +5VA.
Although this input is described for a low-quality
“beeper”, it is of the same high-quality as all other
analog inputs and may be used for other purposes.
12.1.5
Phone Input
One application of the PHONE input is to interface
to the output of a modem analog front end (AFE)
device so that modem dialing signals and protocol
negotiations may be monitored through the audio
system. Figure 30 shows a design for a modem
connection where the output is fed from the
CS4205 MONO_OUT pin through a divider. The
divider ratio shown does not attenuate the signal,
providing an output voltage of 1 VRMS. If a lower
output voltage is desired, the resistors can be re-
placed with appropriate values, as long as the total
load on the output is kept greater than 10 k
Ω. The
PHONE input is divided by 6 dB to accommodate
a line-level source of 2 VRMS.
12.2
Analog Outputs
The analog output section provides a stereo and a
mono output. The MONO_OUT, LINE_OUT_L,
and LINE_OUT_R pins require 680 pF to 1000 pF
NPO dielectric capacitors between the correspond-
ing pin and analog ground. Each analog output is
DC-biased up to the Vrefout voltage signal refer-
0.1
µ F
X7R
100
Ω
0.1
µ F
X7R
MIC1/MIC2
10
µF
ELEC
AGND
+5VA
2.2 k
Ω
1.5 k
Ω
AGND
AGND
+
Figure 28. Microphone Input
4.7 k
Ω
PC_BEEP
+5VA (Low Noise) or
AGND if CMOS Source
PC-BEEP-BUS
47 k
Ω
2.7 nF
X7R
0.1
µF
X7R
AGND
Figure 29. PC_BEEP Input
PHONE
MONO_OUT
PHONE
MONO_OUT
6.8 k
Ω
1.0
µF
0 Ω
6.8 k
Ω
1.0
µF
47 k
Ω
AGND
AGND
1000 pF
Figure 30. Modem Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com