Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5530
Description  24-bit ADC with Ultra-low-noise Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5530 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5530 Datasheet HTML 7Page - Cirrus Logic CS5530 Datasheet HTML 8Page - Cirrus Logic CS5530 Datasheet HTML 9Page - Cirrus Logic CS5530 Datasheet HTML 10Page - Cirrus Logic CS5530 Datasheet HTML 11Page - Cirrus Logic CS5530 Datasheet HTML 12Page - Cirrus Logic CS5530 Datasheet HTML 13Page - Cirrus Logic CS5530 Datasheet HTML 14Page - Cirrus Logic CS5530 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
CS5530
DS742F3
11
2. GENERAL DESCRIPTION
The CS5530 is a
ΔΣ Analog-to-Digital Converter
(ADC) which uses charge-balance techniques to
achieve 24-bit performance. The ADC is optimized
for measuring low-level unipolar or bipolar signals
in weigh scale, process control, scientific, and med-
ical applications.
To accommodate these applications, the ADC in-
cludes a very-low-noise, chopper-stabilized instru-
mentation amplifier (12 nV/
√Hz @ 0.1 Hz) with a
gain of 64X. This ADC also includes a fourth-order
ΔΣ modulator followed by a digital filter which pro-
vides twenty selectable output word rates of 6.25,
7.5, 12.5, 15, 25, 30, 50, 60, 100, 120, 200, 240, 400,
480, 800, 960, 1600, 1920, 3200, and 3840 samples
per second (MCLK = 4.9152 MHz).
To ease communication between the ADCs and a
micro-controller, the converters include a simple
three-wire serial interface which is SPI and Mi-
crowire compatible with a Schmitt-trigger input on
the serial clock (SCLK).
2.1 Analog Input
Figure 3 illustrates a block diagram of the CS5530.
The front end includes a chopper-stabilized instru-
mentation amplifier with a gain of 64X.
The amplifier is chopper-stabilized and operates with
a chop clock frequency of MCLK/128. The CVF
(sampling) current into the instrumentation amplifier
is typically 1200 pA over
-40°C to +85°C
(MCLK=4.9152 MHz). The common-mode plus sig-
nal range of the instrumentation amplifier is (VA-) +
1.6 V to (VA+) - 1.6 V.
Figure 4 illustrates the input model for the 64X am-
plifier.
Note:
The C = 3.9 pF capacitor is for input current
modeling only. For physical input capacitance
see ‘Input Capacitance’ specification under
Analog Characteristics.
VREF+
Sinc
Digital
Filter
64x
AIN+
AIN-
X1
VREF-
X1
Differential
4
Order
ΔΣ
Modulator
th
5
Programmable
Sinc
Digital Filter
3
Serial
Port
1000
Ω
1000
Ω
22 nF
C1 PIN
C2 PIN
Figure 3. Front End Configuration
AIN
C = 3.9 pF
f =
V
≤ 8 mV
i = fV
C
os
os
n
MCLK
128
Figure 4. Input Model for AIN+ and AIN- Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com