Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5530
Description  24-bit ADC with Ultra-low-noise Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5530 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5530 Datasheet HTML 18Page - Cirrus Logic CS5530 Datasheet HTML 19Page - Cirrus Logic CS5530 Datasheet HTML 20Page - Cirrus Logic CS5530 Datasheet HTML 21Page - Cirrus Logic CS5530 Datasheet HTML 22Page - Cirrus Logic CS5530 Datasheet HTML 23Page - Cirrus Logic CS5530 Datasheet HTML 24Page - Cirrus Logic CS5530 Datasheet HTML 25Page - Cirrus Logic CS5530 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
CS5530
22
DS742F3
2.4.4 Performing Calibrations
To perform a calibration, the user must send a com-
mand byte with its MSB=1, and the appropriate
calibration bits (CC2-CC0) set to choose the type
of calibration to be performed. The calibration will
be performed using the filter rate, and siganl span
(unipolar or bipolar) as set in the configuration reg-
ister. The length of time it takes to do a calibration
is slightly less than the amount of time it takes to do
a single conversion (see Table 1 for single conver-
sion timing). Offset calibration takes 608 clock cy-
cles less than a single conversion when FRS = 0,
and 729 clock cycles less when FRS = 1. Gain cal-
ibration takes 128 clock cycles less than a single
conversion when FRS = 0, and 153 clock cycles
less when FRS = 1.
Once a calibration cycle is complete, SDO falls and
the results are automatically stored in either the
gain or offset register. SDO will remain low until
the next command word is begun. If additional cal-
ibrations are performed while referencing the same
calibration registers, the last calibration results will
replace the effects from the previous calibration.
Only one calibration is performed with each com-
mand byte.
2.4.5 System Calibration
For the system calibration functions, the user must
supply the converter input calibration signals which
represent ground and full-scale. When a system off-
set calibration is performed, a ground referenced sig-
nal must be applied to the converter. Figure 10
illustrates system offset calibration.
As shown in Figure 11, the user must input a signal
representing the positive full-scale point to perform
a system gain calibration. In either case, the cali-
bration signals must be within the specified calibra-
tion limits for each specific calibration step (refer
to the System Calibration Specifications).
2.4.6 Calibration Tips
Calibration steps are performed at the output word
rate selected by the WR3-WR0 bits of the configu-
ration register. To minimize the effects of peak-to-
peak noise on the accuracy of calibration the con-
verter should be calibrated using the slowest word
rate that is acceptable.
It is recommended that
word rates of 240 Sps and higher not be used for
calibration.) To minimize digital noise near the de-
vice, the user should wait for each calibration step
to be completed before reading or writing to the se-
rial port. Reading the calibration registers and aver-
aging multiple calibrations together can produce a
more accurate calibration result. Note that access-
ing the ADC’s serial port before a calibration has
finished may result in the loss of synchronization
between the microcontroller and the ADC, and may
prematurely halt the calibration cycle.
Figure 10. System Calibration of Offset
Figure 11. System Calibration of Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com