Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5530
Description  24-bit ADC with Ultra-low-noise Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5530 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5530 Datasheet HTML 10Page - Cirrus Logic CS5530 Datasheet HTML 11Page - Cirrus Logic CS5530 Datasheet HTML 12Page - Cirrus Logic CS5530 Datasheet HTML 13Page - Cirrus Logic CS5530 Datasheet HTML 14Page - Cirrus Logic CS5530 Datasheet HTML 15Page - Cirrus Logic CS5530 Datasheet HTML 16Page - Cirrus Logic CS5530 Datasheet HTML 17Page - Cirrus Logic CS5530 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
CS5530
14
DS742F3
2.2.2 Command Register Descriptions
READ/WRITE OFFSET REGISTER
R/W (Read/Write)
0
Write offset register.
1
Read offset register.
READ/WRITE GAIN REGISTER
R/W (Read/Write)
0
Write gain register.
1
Read gain register.
READ/WRITE CONFIGURATION REGISTER
Function:
These commands are used to read from or write to the configuration register.
R/W (Read/Write)
0
Write configuration register.
1
Read configuration register.
PERFORM CONVERSION
MC (Multiple Conversions)
0
Perform a single conversion.
1
Perform continuous conversions.
PERFORM SYSTEM OFFSET CALIBRATION
PERFORM SYSTEM GAIN CALIBRATION
SYNC1
Function:
Part of the serial port re-initialization sequence.
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
0
000
R/W
00
1
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
0
000
R/W
01
0
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
0
000
R/W
01
1
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
1
MC
0
00
00
0
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
1
000
01
01
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
1
000
01
10
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
1
111
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com