Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5530
Description  24-bit ADC with Ultra-low-noise Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5530 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5530 Datasheet HTML 8Page - Cirrus Logic CS5530 Datasheet HTML 9Page - Cirrus Logic CS5530 Datasheet HTML 10Page - Cirrus Logic CS5530 Datasheet HTML 11Page - Cirrus Logic CS5530 Datasheet HTML 12Page - Cirrus Logic CS5530 Datasheet HTML 13Page - Cirrus Logic CS5530 Datasheet HTML 14Page - Cirrus Logic CS5530 Datasheet HTML 15Page - Cirrus Logic CS5530 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
CS5530
12
DS742F3
2.1.1 Analog Input Span
The full-scale input signal that the converter can dig-
itize is a function of the reference voltage connected
between the VREF+ and VREF- pins. The full-scale
input span of the converter is
((VREF+) – (VREF-))/(64Y), where 64 is the gain
of the amplifier and Y is 2 for VRS = 0, or Y is 1 for
VRS = 1. VRS is the Voltage Reference Select bit,
and must be set according to the differential voltage
applied to the VREF+ and VREF- pins on the part.
See section 2.3.4 for more details.
With a 2.5 V reference, the full-scale biploar input
range is equal to ±2.5/64, or about ±39 mV. Note
that these input ranges assume the calibration regis-
ters are set to their default values (i.e. Gain = 1.0 and
Offset = 0.0). The gain setting in the Gain Register
can be altered to map the digital codes of the con-
verter to set full scales from 1 mV to 40 mV.
2.1.2 Voltage Noise Density Performance
Figure 5 illustrates the measured voltage noise den-
sity versus frequency from 0.025 Hz to 10 Hz. The
device was powered with ±2.5 V supplies, using
30 Sps OWR, bipolar mode, and with the input
short bit enabled.
2.1.3 No Offset DAC
An offset DAC was not included in the CS5530 be-
cause the high dynamic range of the converter
eliminates the need for one. The offset register can
be manipulated by the user to mimic the function of
a DAC if desired.
2.2 Overview of ADC Register Structure
and Operating Modes
The CS5530 ADC has an on-chip controller, which
includes a number of user-accessible registers. The
registers are used to hold offset and gain calibration
results, configure the chip's operating modes, hold
conversion instructions, and to store conversion
data words. Figure 6 depicts a block diagram of the
on-chip controller’s internal registers.
The converter has 32-bit registers to function as the
offset and the gain calibration registers. These reg-
isters hold calibration results. The contents of these
registers can be read or written by the user. This al-
lows calibration data to be off-loaded into an exter-
nal EEPROM. The user can also manipulate the
contents of these registers to modify the offset or
the gain slope of the converter.
The converter includes a 32-bit configuration reg-
ister which is used for setting options such as the
power down modes, resetting the converter, short-
ing the analog input, enabling logic outputs, and
other user options.
The following pages document how to initialize the
converter and perform offset and gain calibrations.
Each of the bits of the configuration register is de-
scribed. Also the Command Register Quick Refer-
ence can be used to decode all valid commands (the
first 8-bits into the serial port).
2.2.1 System Initialization
The CS5530 provide no power-on-reset function.
To initialize the ADC, the user must perform a soft-
ware reset via the configuration register. Before
accessing the configuration register, the user must
insure serial port synchronization by using the Se-
rial Port Initialization sequence. This sequence re-
sets the serial port to the command mode and is
accomplished by transmitting at least 15 SYNC1
command bytes (0xFF hexadecimal), followed by
one SYNC0 command (0xFE hexadecimal). Note
that this sequence can be initiated at anytime to
reinitialize the serial port. To complete the system
1
10
100
1000
0.025
0.10
1.00
10.00
Frequency (Hz)
Figure 5. Measured Voltage Noise Density, 64x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com