Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5530
Description  24-bit ADC with Ultra-low-noise Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5530 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5530 Datasheet HTML 27Page - Cirrus Logic CS5530 Datasheet HTML 28Page - Cirrus Logic CS5530 Datasheet HTML 29Page - Cirrus Logic CS5530 Datasheet HTML 30Page - Cirrus Logic CS5530 Datasheet HTML 31Page - Cirrus Logic CS5530 Datasheet HTML 32Page - Cirrus Logic CS5530 Datasheet HTML 33Page - Cirrus Logic CS5530 Datasheet HTML 34Page - Cirrus Logic CS5530 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
CS5530
DS742F3
31
2.11 Getting Started
This A/D converter has several features. From a
software programmer’s prospective, what should
be done first? To begin, a 4.9152 MHz or 4.096
MHz crystal takes approximately 20 ms to start. To
accommodate for this, it is recommended that a
software delay of approximately 20 ms be inserted
before the start of the processor’s ADC initializa-
tion code. Next, since the CS5530 does not provide
a power-on-reset function, the user must first ini-
tialize the ADC to a known state. This is accom-
plished by resetting the ADC’s serial port with the
Serial Port Initialization sequence. This sequence
resets the serial port to the command mode and is
accomplished by transmitting 15 SYNC1 com-
mand bytes (0xFF hexadecimal), followed by one
SYNC0 command (0xFE hexadecimal). Once the
serial port of the ADC is in the command mode, the
user must reset all the internal logic by performing
a system reset sequence (see 2.3.2 System Reset
Sequence). After the converter is properly reset,
the configuration register bits should be configured
as appropriate, for example, the voltage reference
selection, word rate, signal polarity(unipolar or bi-
polar) should be configured.
Calibrations or conversions can then be performed
as appropriate.
2.12 PCB Layout
For optimal performance, the CS5530 should be
placed entirely over an analog ground plane. All
grounded pins on the ADC, including the DGND
pin, should be connected to the analog ground
plane that runs beneath the chip. In a split-plane
system, place the analog-digital plane split imme-
diately adjacent to the digital portion of the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com