Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS8130
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130 Datasheet(HTML) 5 Page - Cirrus Logic

  CS8130 Datasheet HTML 1Page - Cirrus Logic CS8130 Datasheet HTML 2Page - Cirrus Logic CS8130 Datasheet HTML 3Page - Cirrus Logic CS8130 Datasheet HTML 4Page - Cirrus Logic CS8130 Datasheet HTML 5Page - Cirrus Logic CS8130 Datasheet HTML 6Page - Cirrus Logic CS8130 Datasheet HTML 7Page - Cirrus Logic CS8130 Datasheet HTML 8Page - Cirrus Logic CS8130 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
VA+
VD+
AGND
PINC
PINA
LED1C
LED2C
TGND1
TGND2
DGND
CLKFR
PWRDN
D/C
TXD
XTALOUT
XTALIN
FORM/BSY
RXD
CS8130
To LED
10
µF
+3.0V supply
TGND1, 2
0.1
µF
Ferrite
Bead
10
Ω
PIN
Diode
0.1
µF
+ Supply
LED1
R1 TBD
Ω
R2 TBD
Ω
RxD
CTS
UART
TxD
DTR
System
Control
3.6864 MHz or 1.8432 MHz.
Can also use an external
clock at 3.6864 MHz
or 1.8432 MHz
+
RESET
EXTCLK
LED2
Use: LED1/R1
or:LED1/R1 & R2
or: LED1/R1 &
LED2/R2
For 2 LED, +5V supply systems,
connect 2 LEDs in series. Use R1 & R2
to give programmable output level.
RTS
+
47
µF
CLKFR low for 3.6864 MHz clock
CLKFR high for 1.8432 MHz clock
Figure 1. Recommended Connection Diagram
CS8130
DS134PP2
5
CS8130
DS134F1
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com