Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS8130
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130 Datasheet(HTML) 3 Page - Cirrus Logic

  CS8130 Datasheet HTML 1Page - Cirrus Logic CS8130 Datasheet HTML 2Page - Cirrus Logic CS8130 Datasheet HTML 3Page - Cirrus Logic CS8130 Datasheet HTML 4Page - Cirrus Logic CS8130 Datasheet HTML 5Page - Cirrus Logic CS8130 Datasheet HTML 6Page - Cirrus Logic CS8130 Datasheet HTML 7Page - Cirrus Logic CS8130 Datasheet HTML 8Page - Cirrus Logic CS8130 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
POWER SUPPLY SPECIFICATIONS (TA = 25
°C; V+ = 3.0V, Digital Input Levels: Logic 0 = 0V, Logic 1 = V+,
Note 7)
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
2.7
3.0
5.5
V
Power Supply Current - All functions enabled
(Note 8)
-
-
2.5
mA
Power Supply Current - All functions disabled
(Note 9)
-
-
1
µA
Power Supply Current - Receiver only enabled
(Note 8)
-
-
2.5
mA
Power Supply Current - Transmit only enabled
(Note 10)
-
-
0.5
mA
Oscillator Power Supply Current
low power mode:
normal power mode:
-
-
-
-
0.5
1.5
mA
mA
Data & State Retention Supply Voltage
2
-
-
V
Notes:
7. Power supply current specifications are with the supply at 3.0V. For approximate consumption at
+5.0V, multiply the above currents by 1.667.
8. Oscillator in low power mode, does not include LED current. Subtract oscillator current if using
an external clock to run the CS8130.
9. Floating digital inputs will not cause the power supply to increase beyond the specification.
10. Does not include LED current, does include oscillator current in low power mode.
RECOMMENDED OPERATING CONDITIONS (All voltages with respect to 0V)
Parameter
Symbol
Min
Typ
Max
Units
Operating Ambient Temperature
TA
025
70
°C
Data and State Retention Temperature (In Power Down)
-40
-
85
°C
DIGITAL PIN CHARACTERISTICS
(TA = 25
°C, Supply = 3.0V)
Parameter
Symbol
Min
Typ
Max
Units
High-level Input Voltage
VIH
2.0
-
-
V
Low-level Input Voltage
VIL
--
0.8
V
High-level Output Voltage at IO = -2.0mA
VOH
VD-0.3
-
-
V
Low-level Output Voltage at IO = 2.0mA
VOL
--
0.3
V
Output Leakage Current in Hi-Z state
0.2
µA
Input Leakage Current
(Digital Inputs)
-
-
0.2
µA
Output Capacitance
COUT
-5
-
pF
Input Capacitance
CIN
-5
-
pF
CS8130
DS134PP2
3
CS8130
DS134F1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com