Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS8130
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS8130 Datasheet HTML 12Page - Cirrus Logic CS8130 Datasheet HTML 13Page - Cirrus Logic CS8130 Datasheet HTML 14Page - Cirrus Logic CS8130 Datasheet HTML 15Page - Cirrus Logic CS8130 Datasheet HTML 16Page - Cirrus Logic CS8130 Datasheet HTML 17Page - Cirrus Logic CS8130 Datasheet HTML 18Page - Cirrus Logic CS8130 Datasheet HTML 19Page - Cirrus Logic CS8130 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Register 5, Receive Mode Register
D3
D2
D1
D0
RTVR RMOD RWIDS RWIDL
0011
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
RTVR,
RMOD,
RWIDS,
RWIDL
Receive Mode
0000
0001
0010
0011
0100
1000
1100
0
1
2
3R
4
8
12
Mode 2 Amplitude modulated carrier mode
Mode 1a IRDA - fixed 1.6
µs pulse
Mode 1b IRDA - variable 3/16 bit cell time pulse
Mode 1c IRDA - Any width pulse from 1.6
µs to
3/16 bit cell time
Mode 4 Direct access mode
Mode 3 TV remote mode, oversampling receive
Mode 3 TV remote mode, timed bit cell receive
All other combinations are reserved
Register 6, Receive Sensitivity Register #1
D3
D2
D1
D0
RS3
RS2
RS1
RS0
0111
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
RS4-0
Receive threshold
setting.
00000
00001
"
00111
"
11110
11111
0
1
"
7R
"
30
31
7.8 nA nominal receive threshold
15.6 nA nominal receive threshold
"
62.5 nA nominal receive threshold
"
242.2 nA nominal receive threshold
250 nA nominal receive threshold
Threshold settings of less than 20nA should not be used because background noise will cause the
apparent occurrence of constant signal.
Register 7, Receive Sensitivity Register #2
D3
D2
D1
D0
00
0
RS4
0000
Register
Reset (R)
CS8130
16
DS134PP2
CS8130
16
DS134F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com