Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS8130
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130 Datasheet(HTML) 4 Page - Cirrus Logic

  CS8130 Datasheet HTML 1Page - Cirrus Logic CS8130 Datasheet HTML 2Page - Cirrus Logic CS8130 Datasheet HTML 3Page - Cirrus Logic CS8130 Datasheet HTML 4Page - Cirrus Logic CS8130 Datasheet HTML 5Page - Cirrus Logic CS8130 Datasheet HTML 6Page - Cirrus Logic CS8130 Datasheet HTML 7Page - Cirrus Logic CS8130 Datasheet HTML 8Page - Cirrus Logic CS8130 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ABSOLUTE MAXIMUM RATINGS (All voltages with respect to 0V)
Parameter
Symbol
Min
Max
Units
Power Supplies
-0.3
6.0
V
Input Current
Except Supply Pins & Driver Pins
-
±10
mA
Input Voltage
-0.3
VD+0.3
V
Ambient temperature
(Power Applied)
-55
+125
°C
Storage Temperature
-65
+150
°C
ESD using human body model
(100pF with series 1.5k
Ω)
2000
-
V
Warning:
Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
SWITCHING CHARACTERISTICS (TA = 25
°C; All V+ = 3.0V, Digital Input Levels: Logic 0 = 0V, Logic 1 = V+;
unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Units
XTALIN frequencies
CLKFR pin low:
(Note 11)
CLKFR pin high:
-
-
3.6864
1.8432
-
-
MHz
MHz
XTALIN duty cycle
45
50
55
%
Crystal Oscillator start up time
-
-
25
ms
Notes: 11. In normal oscillator mode, the crystal is internally loaded with 20 pF, which is the standard loading
at which the crystal frequency is tuned. In low power oscillator mode, the internal loading on the
crystal is reduced to approximately 5pF. The crystal frequency will therefore increase by
about 0.03% in low power mode.
CS8130
4
DS134PP2
CS8130
4
DS134F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com