Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS8130
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130 Datasheet(HTML) 2 Page - Cirrus Logic

  CS8130 Datasheet HTML 1Page - Cirrus Logic CS8130 Datasheet HTML 2Page - Cirrus Logic CS8130 Datasheet HTML 3Page - Cirrus Logic CS8130 Datasheet HTML 4Page - Cirrus Logic CS8130 Datasheet HTML 5Page - Cirrus Logic CS8130 Datasheet HTML 6Page - Cirrus Logic CS8130 Datasheet HTML 7Page - Cirrus Logic CS8130 Datasheet HTML 8Page - Cirrus Logic CS8130 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TRANSMITTER DRIVER CHARACTERISTICS (TA = 25
°C; All V+ = 3.0V, Digital Input Levels: Logic 0 = 0V,
Logic 1 = V+; unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Units
Output capacitance
(Note 1)
10
TBD
pF
Output rise time (10% to 90%)
tr
-
20
50
ns
Output fall time (90% to 10%)
tf
-
20
50
ns
Overshoot over final current
-
-
25
%
On resistance
-
-
0.5
Ω
Off leakage current
-
-
20
µA
Output current (each driver)
(Note 2)
-
-
250
mA
Output jitter relative a jitter free input clock
-
-
200
ns
Notes:
1. Typical LED junction capacitance is 20pF.
2. 50% duty cycle, max pulse width 165
µs (3/16 of (1/1200 bps + 5%)).
Specifications are subject to change without notice.
RECEIVER CHARACTERISTICS (TA = 25
°C; All V+ = 3.0V, Digital Input Levels: Logic 0 = 0V, Logic 1 = V+;
unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Units
Input capacitance
(Note 3)
-
10
TBD
pF
Input noise current
-
-
11
pA/rtHz
Maximum signal input current from detector
-
-
2
mA
Maximum DC input current (typically sunlight)
-
-
200
µA
Input current detection thresholds
RS4-0=00000:
(Programmable with a 5 bit value)
RS4-0=00001:
(Min, Max = Typical
±30%)
RS4-0=00010:
(Note 4)
↓
RS4-0=11110:
RS4-0=11111:
-
-
16.4
↓
169.5
175
7.8
15.6
23.4
↓
242.2
250
-
-
30.4
↓
314.9
325
nA
nA
nA
"
nA
nA
Bandpass filter response
High Pass -3dB:
Low Pass -3dB:
-
-
35
700
-
-
kHz
kHz
Receiver power up time
With high (200
µA) dc ambient
With normal (2
µA) dc ambient
-
-
5
0.3
10
1
ms
ms
Turn-around time, with receiver on continuously
(Note 5)
-
5
10
ms
EMI rejection of system (0.5MHz to 100MHz).
(Note 6)
3
-
-
V/m
Notes:
3. Typical PIN diode junction capacitance is 50pF.
4. The
±30% tolerance covers chip-to-chip variation. The temperature coefficient of the receiver
threshold setting is low. Current detection thresholds are above the DC ambient condition.
Settings of RS4-0 of less than 00010 are not practical because of noise.
5. Turn-around time is the time taken for the PIN diode receiver to recover from the IR energy
from the transmitter. The remote end of the link must wait for this time after receiving data
before transmitting a reply. This time may be reduced to <1 ms by good IR shielding from
the transmit LED to the PIN diode.
6. This is a system specification. A metal shield over the PIN diode and CS8130 is
recommended to ensure system compliance.
CS8130
2
DS134PP2
CS8130
2
DS134F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com