Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 43Page - Cirrus Logic CS8422 Datasheet HTML 44Page - Cirrus Logic CS8422 Datasheet HTML 45Page - Cirrus Logic CS8422 Datasheet HTML 46Page - Cirrus Logic CS8422 Datasheet HTML 47Page - Cirrus Logic CS8422 Datasheet HTML 48Page - Cirrus Logic CS8422 Datasheet HTML 49Page - Cirrus Logic CS8422 Datasheet HTML 50Page - Cirrus Logic CS8422 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
DS692F1
47
CS8422
11.SOFTWARE REGISTER BIT DEFINITIONS
The table row beneath the row that contains the register-bit name shows the register bit default value. Bits labeled
‘Reserved’ must remain at their default value.
11.1 CS8422 I.D. and Version Register (01h)
ID[4:0] - ID code for the CS8422. Permanently set to 00010
REV[2:0] = 000 (revision A)
REV[2:0] = 010 (revision B1)
11.2 Clock Control (02h)
PDN - Controls the internal clocks, allowing the CS8422 to be placed in a “powered down”, low current con-
sumption state. This bit must be written to the 0 state to allow the CS8422 to begin operation. All input clocks
should be stable in frequency and phase when PDN is set to 0.
0- Normal part operation.
1- Internal clocks are stopped. Internal state machines are reset. The fully static control port is operational,
allowing registers to be read or changed. Power consumption is low.
FSWCLK – Forces the clock signal on XTI to be output on RMCK regardless of the SWCLK bit functionality
or PLL lock.
0 – Clock signal on XTI is output on RMCK according to the SWCLK bit functionality.
1 – Forces the clock signal on XTI to be output on RMCK regardless of the SWCLK bit functionality.
SWCLK - Outputs XTI clock signal on RMCK pin when PLL loses lock. Any OSCLK or OLRCK derived from
RMCK under normal conditions will be derived from XTI in this case.
0 - Disable automatic clock switching.
1 - Enable automatic clock switching on PLL unlock. Clock signal selected on XTI is automatically output
on RMCK on PLL Unlock.
RMCK_CTL[1:0] - RMCK Control
00 - RMCK is an output and is derived from the frame rate of incoming AES3 data.
01 - RMCK is an output and is derived from the ISCLK input frequency divided by 64. Only valid if serial
audio input port is in slave mode (SIMS = 0 in “Serial Audio Input Data Format (0Bh)” on page 53).
10 - RMCK is high-impedance.
11 - Reserved
INT[1:0] - Interrupt output pin (INT) control
00 - Active high; high output indicates interrupt condition has occurred.
765
432
10
ID4
ID3
ID2
ID1
ID0
REV2
REV1
REV0
000
100
00
765
432
10
PDN
FSWCLK
SWCLK
RMCK_CTL1 RMCK_CTL0
INT1
INT0
Reserved
100
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com