Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 81 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 81 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 74Page - Cirrus Logic CS8422 Datasheet HTML 75Page - Cirrus Logic CS8422 Datasheet HTML 76Page - Cirrus Logic CS8422 Datasheet HTML 77Page - Cirrus Logic CS8422 Datasheet HTML 78Page - Cirrus Logic CS8422 Datasheet HTML 79Page - Cirrus Logic CS8422 Datasheet HTML 80Page - Cirrus Logic CS8422 Datasheet HTML 81Page - Cirrus Logic CS8422 Datasheet HTML 82Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
DS692F1
81
CS8422
18.REVISION HISTORY
Release
Changes
PP1
Added interchannel phase deviation to Performance Specifications - Sample Rate Converter table
Added gain error to Performance Specifications - Sample Rate Converter table
Added 32 kHz:48 kHz dynamic range to Performance Specifications - Sample Rate Converter table
Updated (Note 2) in Performance Specifications - Sample Rate Converter table
Updated values in DC Electrical Characteristics table
Changed (Note 3) and (Note 4) in DC Electrical Characteristics table
Updated RMCK jitter specification in Switching Specifications table
Changed (Note 9) in Switching Specifications table
Moved SDIN/TDM_IN setup and hold times in Switching Specifications table
Changed master mode non-TDM I/OSCLK minimum frequency in Switching Specifications table
Changed tsrs value in Switching Characteristics - Control Port - SPI mode
Changed tirs value in Switching Characteristics - Control Port - I²C mode
Fixed calculation error in Section 5.1.5.2 TDM Slave Mode
Added note to Section 11.9 Recovered Master Clock Ratio Control & Misc. (09h)
Added Section 12.6 Jitter Tolerance
Added Section 13. Performance Plots
Added Section 17. References
Updated VIH minimum specification in Digital Interface Specifications table
Updated VIL maximum specification in Digital Interface Specifications table
Updated Input Hysteresis specification in Digital Interface Specifications table
Added (Note 6) to Digital Interface Specifications table
Removed VIH maximum specification in Digital Interface Specifications table
Removed VIL minimum specification in Digital Interface Specifications table
PP2
Updated package dimensions in Section 14. Package Dimensions
F1
Final Release
Changed VA, VREG, and VL = 5.0 V normal operation values in DC Electrical Characteristics table
Updated Figure 37 with test data from CS8422
Updated Figure 90
Updated hardware mode NVERR and RERR descriptions in Section 6.6.2 Hardware Mode Control
Updated values in Switching Specifications table
Added TDM_IN pin not supported in master mode in Switching Specifications table and Section 5.1.5.1
Updated Section 11.19 Receiver Error (13h) description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com