Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 51Page - Cirrus Logic CS8422 Datasheet HTML 52Page - Cirrus Logic CS8422 Datasheet HTML 53Page - Cirrus Logic CS8422 Datasheet HTML 54Page - Cirrus Logic CS8422 Datasheet HTML 55Page - Cirrus Logic CS8422 Datasheet HTML 56Page - Cirrus Logic CS8422 Datasheet HTML 57Page - Cirrus Logic CS8422 Datasheet HTML 58Page - Cirrus Logic CS8422 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 82 page
background image
DS692F1
55
CS8422
SORES1[1:0] - Resolution of the output data on SDOUT
00 - 24-bit resolution.
01 - 20-bit resolution.
10 - 18-bit resolution.
11 - 16-bit resolution
SOFSEL1[1:0] - Format of the output data on SDOUT
00 - Left-Justified
01 - I²S
10 - Right-Justified (Master mode only)
11 - AES3 Direct. Direct copy of the received NRZ data from the AES3 receiver including C, U, and V bits.
The time slot occupied by the Z bit is used to indicate the location of the block start. Only valid if serial port
sourced directly by the AES3-compatible receiver.
TDM[1:0] - Enable the time-division multiplexing (TDM) through TDM_IN and either SDOUT1 or SDOUT2.
See “Time Division Multiplexing (TDM) Mode” on page 27 for more details.
00 - TDM Mode not enabled. Serial audio format selected by SOFSEL1[1:0]
01 - TDM Mode enabled through TDM_IN and SDOUT1. SOFSEL1[1:0] has no effect in this mode.
10 - TDM Mode enabled through TDM_IN and SDOUT2. SOFSEL2[1:0] has no effect in this mode.
11 - Reserved
11.13 Serial Audio Output Data Format - SDOUT2 (0Dh)
SOMS2 - Master/Slave Mode Selector
0 - Serial audio output port is in slave mode. OSCLK and OLRCK are inputs.
1 - Serial audio output port is in master mode. OSCLK and OLRCK are outputs.
SOSF2 - OSCLK2 Frequency. Valid only in master mode (SOMS2 = 1). If the SRC is selected as the source
for SDOUT2 (SDOUT2[1:0] = 00 in register 0Ah), then the master clock (MCLK) is the SAO MCLK (as se-
lected by the SAO_MCLK bit in register 08h). If the AES3 receiver is selected as the source for SDOUT2
(SDOUT2[1:0] = 01 in register 0Ah), then the MCLK is RMCK. Should be changed when PDN = 1. See
Table 10 for details. Note: If serial output 2 is in master mode and sourced directly by the serial input port,
then SAI_CLK[3:0] determine the MCLK/OLRCK1 ratio.
7654
321
0
SOMS2
SOSF2
SORES2_1
SORES2_0
SOFSEL2_1
SOFSEL2_0
Reserved
Reserved
0000
00
SAO_CLK[3:0],
SAI_CLK[3:0], or
RMCK[3:0]
MCLK/OLRCK2 Ratio
OSCLK2/OLRCK2 Ratio
SOSF2 = 0
SOSF2 = 1
0000
64
64
INVALID
0001
96
48
96
Table 10. OSCLK2/OLRCK2 Ratios and SOSF2 Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com