Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 3Page - Cirrus Logic CS8422 Datasheet HTML 4Page - Cirrus Logic CS8422 Datasheet HTML 5Page - Cirrus Logic CS8422 Datasheet HTML 6Page - Cirrus Logic CS8422 Datasheet HTML 7Page - Cirrus Logic CS8422 Datasheet HTML 8Page - Cirrus Logic CS8422 Datasheet HTML 9Page - Cirrus Logic CS8422 Datasheet HTML 10Page - Cirrus Logic CS8422 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
DS692F1
7
CS8422
Figure 53.IMD – 10 kHz and 11 kHz -7 dBFS, 48 kHz:44.1 kHz .............................................................. 72
Figure 54.IMD – 10 kHz and 11 kHz -7 dBFS, 44.1 kHz:48 kHz .............................................................. 72
Figure 55.Wideband FFT – 0 dBFS 20 kHz Tone, 44.1 kHz:48 kHz ........................................................ 72
Figure 56.Wideband FFT – 0 dBFS 80 kHz Tone, 192 kHz:192 kHz ....................................................... 73
Figure 57.Wideband FFT – 0 dBFS 20 kHz Tone, 48 kHz:96 kHz ........................................................... 73
Figure 58.Wideband FFT – 0 dBFS 20 kHz Tone, 48 kHz:48 kHz ........................................................... 73
Figure 59.Wideband FFT – 0 dBFS 20 kHz Tone, 96 kHz:48 kHz ........................................................... 73
Figure 60.Wideband FFT – 0 dBFS 20 kHz Tone, 48 kHz:44.1 kHz ........................................................ 73
Figure 61.THD+N vs. Output Sample Rate – 0 dBFS 1 kHz Tone, Fsi = 192 kHz ................................... 73
Figure 62.THD+N vs. Output Sample Rate – 0 dBFS 1 kHz Tone, Fsi = 48 kHz ..................................... 74
Figure 63.THD+N vs. Output Sample Rate – 0 dBFS 1 kHz Tone, Fsi = 96 kHz ..................................... 74
Figure 64.THD+N vs. Output Sample Rate – 0 dBFS 1 kHz Tone, Fsi = 44.1 kHz .................................. 74
Figure 65.Dynamic Range vs. Output Sample Rate – -60 dBFS 1 kHz Tone, Fsi = 192 kHz ................... 74
Figure 66.THD+N vs. Output Sample Rate – 0 dBFS 1 kHz Tone, Fsi = 32 kHz ..................................... 74
Figure 67.Dynamic Range vs. Output Sample Rate – -60 dBFS 1 kHz Tone, Fsi = 32 kHz ..................... 74
Figure 68.Dynamic Range vs. Output Sample Rate –-60 dBFS 1 kHz Tone, Fsi = 96 kHz ...................... 75
Figure 69.Dynamic Range vs. Output Sample Rate –-60 dBFS 1 kHz Tone, Fsi = 44.1 kHz ................... 75
Figure 70.Frequency Response – 0 dBFS Input ....................................................................................... 75
Figure 71.Passband Ripple – 192 kHz:48 kHz ......................................................................................... 75
Figure 72.Dynamic Range vs. Output Sample Rate –-60 dBFS 1 kHz Tone, Fsi = 48 kHz ...................... 75
Figure 73.Linearity Error – 0 to -140 dBFS Input, 200 Hz Tone, 48 kHz:48 kHz ...................................... 75
Figure 74.Linearity Error – 0 to -140 dBFS Input, 200 Hz Tone, 48 kHz:44.1 kHz ................................... 76
Figure 75.Linearity Error – 0 to -140 dBFS Input, 200 Hz Tone, 48 kHz:96 kHz ...................................... 76
Figure 76.Linearity Error – 0 to -140 dBFS Input, 200 Hz Tone, 96 kHz:48 kHz ...................................... 76
Figure 77.Linearity Error – 0 to -140 dBFS Input, 200 Hz Tone, 44.1 kHz:192 kHz ................................. 76
Figure 78.Linearity Error – 0 to -140 dBFS Input, 200 Hz Tone, 44.1 kHz:48 kHz ................................... 76
Figure 79.Linearity Error – 0 to -140 dBFS Input, 200 Hz Tone, 192 kHz:44.1 kHz ................................. 76
Figure 80.THD+N vs. Input Amplitude – 1 kHz Tone, 48 kHz:44.1 kHz ................................................... 77
Figure 81.THD+N vs. Input Amplitude – 1 kHz Tone, 48 kHz:96 kHz ...................................................... 77
Figure 82.THD+N vs. Input Amplitude – 1 kHz Tone, 96 kHz:48 kHz ...................................................... 77
Figure 83.THD+N vs. Input Amplitude – 1 kHz Tone, 44.1 kHz:192 kHz ................................................. 77
Figure 84.THD+N vs. Input Amplitude – 1 kHz Tone, 44.1 kHz:48 kHz ................................................... 77
Figure 85.THD+N vs. Input Amplitude – 1 kHz Tone, 192 kHz:48 kHz .................................................... 77
Figure 86.THD+N vs. Input Frequency – 0 dBFS, 48 kHz:44.1 kHz ......................................................... 78
Figure 87.THD+N vs. Input Frequency – 0 dBFS, 48 kHz:96 kHz ............................................................ 78
Figure 88.THD+N vs. Input Frequency – 0 dBFS, 44.1 kHz:48 kHz ......................................................... 78
Figure 89.THD+N vs. Input Frequency – 0 dBFS, 96 kHz:48 kHz ............................................................ 78
Figure 90.Total Power Supply Current vs. Differential Mode Receiver Input Sample Frequency ............. 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com