Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 12Page - Cirrus Logic CS8422 Datasheet HTML 13Page - Cirrus Logic CS8422 Datasheet HTML 14Page - Cirrus Logic CS8422 Datasheet HTML 15Page - Cirrus Logic CS8422 Datasheet HTML 16Page - Cirrus Logic CS8422 Datasheet HTML 17Page - Cirrus Logic CS8422 Datasheet HTML 18Page - Cirrus Logic CS8422 Datasheet HTML 19Page - Cirrus Logic CS8422 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
16
DS692F1
CS8422
DIGITAL INTERFACE SPECIFICATIONS
AGND = DGND = 0 V; all voltages with respect to 0 V.
Notes:
5. When a digital signal is sent to the AES RX pins, the pins will draw approximately 730 µA from the digital
signal’s supply from the time RST is released until the RX_MODE, RX_SEL, and INPUT_TYPE bits in
register 03h are properly configured to allow a digital input signal on the driven pins, see Section 11.3
on page 48.
6. Maximum sensitivity in accordance with AES3-2003 section 8.3.3. Measured with eye diagram height
at the specified voltage and width of at least 50% of one-half the biphase symbol period.
Parameter
Symbol
Min
Typ
Max
Units
Input Leakage Current (Note 5)
Iin
--
+32
A
Input Capacitance
Iin
-8
-
pF
Digital Interface Receiver - RXP[1:0], RXN[1:0], RX[3:0]
Differential Input Sensitivity, RXP to RXN (Note 6)
--
200
mVpp
Differential Input Impedance, RXP and RXN to GND
-
11
-
k
Single-Ended Input Sensitivity, RX pins, Receiver Input Mode 1
(Note 6)
--
200
mVpp
Single-Ended Input Impedance, RX pins, Receiver Input Mode 1
-
11
-
k
High-Level Input Voltage, RX pins in Digital mode
VIH
0.55xVA
-
VA+0.3
V
Low-Level Input Voltage, RX pins in Digital mode
VIL
-0.3
-
0.8
V
Digital I/O
High-Level Output Voltage (IOH = -4 mA)
VOH
.77xVL
-
-V
Low-Level Output Voltage (IOL = 4 mA)
VOL
-
-
0.6
V
High-Level Input Voltage
VIH
0.65xVL
-
-V
Low-Level Input Voltage
VIL
-
-
0.3xVL
V
Input Hysteresis
-
0.2
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com