Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1864AUJZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP1864AUJZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1864AUJZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP1864AUJZ-R7 Datasheet HTML 28Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 29Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 30Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 31Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 32Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 33Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 34Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 35Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
VDDINT Programmable Regulator
1-12
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
VDDINT Programmable Regulator
By default, the EZ-KIT Lite runs at 1.4V. The board contains a program-
mable regulator that supplies the processor’s core with a voltage between
1.1 and 1.4. The voltage is adjusted by writing to the AD5258 digital
potentiometer via the 2-wire interface (TWI) signals.Table 1-3 shows the
appropriate step and corresponding voltage values. For an example of
writing to the AD5258 potentiometer, refer to the POST example. For
more information on the acceptable voltage/frequency values, refer to the
ADSP-BF604/BF506(F) Blackfin Embedded Processor data sheet and
ADSP-BF50x Blackfin Processor Hardware Reference manual. For more
information about the digital potentiometer, refer to the AD5258 data
sheet.
Power Measurements
Several locations are provided for measuring the current draw from vari-
ous power planes. Precision 0.1 ohm shunt resistors are available on the
VDDINT, VDDEXT, and VDDFLASH voltage domains. For current
draw, the jumper is removed, voltage across the resistor can be measured
Table 1-3. Table 5. Voltage Values
Step Value
Voltage (V)
57
1.10
46
1.15
36
1.20
27
1.25
18
1.30
10
1.35
31.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com