Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1864AUJZ-R7 Datasheet(PDF) 74 Page - Analog Devices

Part # ADP1864AUJZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1864AUJZ-R7 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADP1864AUJZ-R7 Datasheet HTML 67Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 68Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 69Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 70Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 71Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 72Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 73Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 74Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 75Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 74 / 75 page
background image
I
ndex
I-2
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
G
general-purpose IO pins (GPIO), 1-10, 2-9,
2-15
general-purpose push buttons (PB0-1), 1-10
I
installation, of this EZ-KIT Lite, 1-3
internal flash memory interface, 1-8
IO voltage, 2-2
J
JTAG
interface, 1-10
connector (P1), 1-4, 1-10, 2-17
jumpers
diagram of locations, 2-11
JP1 (SPI flash enable), 2-11
JP2 (voltage reference select), 2-12
JP3 (VDDEXT power), 2-12
JP4 (VDDINT power), 2-12
JP5 (VDDFLASH power), 2-12
JP6 (ADC voltage ref), 2-13
L
LEDs
diagram of locations, 2-14
LED1 (reset), 2-15
LED2-4 (PF0-2), 1-10, 2-15
LED5 (power), 2-15
LED8 (reset), 2-15
license restrictions, x, 1-7
M
Media Instruction Set Computing (MISC), ix
memory map, of this EZ-KIT Lite, 1-7
Micro Signal Architecture (MSA), ix
N
notation conventions, xviii
P
package contents, 1-2
PF0-2 (IO) signals, 2-3, 2-15
PF3-15 signals, 2-3
PG0-15 signals, 2-5
PH0-2 signals, 2-6
power
connector (P9), 1-4, 2-19
LED (LED5), 2-15
measurements, 1-12
power-on-self test (POST), 1-9
programmable flag (PF)
inputs PF3-4, 1-10
push buttons (SW7-8), 2-10
R
Reduced Instruction Set Computing (RISC), ix
reset
LEDs (LED1), 2-15
push button (SW6), 2-9
restriction, of the evaluation license, 1-7
RS-232 connector (J1), 2-17
S
schematic, of ADSP-BF506F EZ-KIT Lite, B-1
SD connector (J3), 2-17
SPI flash memory
interface, 1-9
CS enable jumper (JP1), 2-11
SRAM memory, 1-7
See also memory map
startup, of this EZ-KIT Lite, 1-5
SW1 (UART setup) switch, 2-8
SW2 (boot mode select) switch, 2-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com