Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1864AUJZ-R7 Datasheet(PDF) 68 Page - Analog Devices

Part # ADP1864AUJZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1864AUJZ-R7 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADP1864AUJZ-R7 Datasheet HTML 64Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 65Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 66Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 67Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 68Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 69Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 70Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 71Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
3.3V
3.3V
3.3V
R72
10K
0402
R73
0402
10K
C78
100PF
0603
0603
62.0
R74
R75
10
0603
0603
4700PF
C79
R76
62.0
0603
0603
10
R77
C80
100PF
0603
J2
CON039
4
3
2
1
0402
0.01UF
C81
C82
0.01UF
0402
0603
10K
R78
DNP
U19
SOIC14
TJA1041
14
9
1
11
4
7
8
6
12
13
CANH
CANL
EN
ERR
INH
RXD
SPLIT
TXD
WAKE
STB
CAN
D
4
3
2
1
A
B
C
20 Cotton Road
Nashua, NH 03063
A
B
C
D
4
3
2
1
PH: 1-800-ANALOGD
C
Title
Size
Board No.
Date
Sheet
of
DEVICES
ANALOG
Rev
A0226-2009
ADSP-BF506F EZ-KIT LITE
1.0
SW5
SWT018
DIP4
8
7
6
5
4
1
3
2
PS_5V
PS_5V
CAN_TX
CAN_RX
CAN_ERR
"CAN"
SW5 disconnects the DSP from the CAN IC
"CAN ENABLE"
17-12-2009_16:20
6
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com