Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1864AUJZ-R7 Datasheet(PDF) 60 Page - Analog Devices

Part # ADP1864AUJZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1864AUJZ-R7 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADP1864AUJZ-R7 Datasheet HTML 56Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 57Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 58Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 59Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 60Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 61Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 62Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 63Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
A-6
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
75
1
2.5UH 30%
IND013
L3
COILCRAFT
MSS1038-252NLB
76
1
33.0K 1/16W 1%
0402
R2
ROHM
MCR01MZPF3302
77
1
1.0K 1/16W 1%
0402
R120
PANASONIC
ERJ-2RKF1001X
78
1
220PF 50V 10%
0402
C1
DIGI-KEY
311-1035-2-ND
79
2
100K 1/16W 5%
0402
R1,R114
DIGI-KEY
541-100KJTR-ND
80
1
2.2UF 25V 10%
0805
C103
DIGI-KEY
490-3331-1-ND
81
2
1A
MBR130LSFT1G
SOD-123FL
D4-5
ON SEMI
MBR130LSFT1G
82
2
1UH 20%
IND019
L1-2
COILCRAFT
ME3220-102MLB
83
2
33 1/16W 5%
RNS003
RN1-2
PANASONIC
EXB-2HV330JV
84
3
1.2K 1/16W 1%
0402
R12-13,R117
VISHAY
CRCW04021K20FKED
85
2
4.3 1/4W 5%
1206
R116,R119
PANASONIC
ERJ-8GEYJ4R3V
86
1
2.67K 1/16W 1%
0402
R118
PANASONIC
ERJ-2RKF2671X
87
1
22UH 20%
IND024
L4
COILCRAFT
MSD7342-223MLC
88
1
330 100MHZ
1.5A 0805
FER1
MURATA
BLM21PG331SN1D
89
1
3300PF 50V 5%
0603
C95
PANASONIC
ECJ-1VB1H332K
Ref.
Qty.
Description
Reference Designator
Manufacturer
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com