Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1864AUJZ-R7 Datasheet(PDF) 66 Page - Analog Devices

Part # ADP1864AUJZ-R7
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1864AUJZ-R7 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADP1864AUJZ-R7 Datasheet HTML 62Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 63Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 64Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 65Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 66Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 67Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 68Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 69Page - Analog Devices ADP1864AUJZ-R7 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
U14
AD8022
MSOP8
5
7
6
0402
0.1UF
C43
C44
0.1UF
0402
0402
0.1UF
C45
C46
0.1UF
0402
0402
0.1UF
C47
C48
0.1UF
0402
0402
0.1UF
C40
C41
0.1UF
0402
C39
0.1UF
0402
0402
0.1UF
C38
AGND
0603
10
R24
0402
0
R25
R26
0
0402
0402
0
R21
R22
0
0402
R23
10
0603
AGND
0805
10PF
C68
0603
10
R68
AGND
AGND
R54
10
0603
C59
10PF
0805
R55
0
0402
0402
0
R56
AGND
0603
10
R57
0805
10PF
C61
0402
0
R58
R59
0
0402
0402
0
R60
R61
0
0402
C64
10PF
0805
R62
10
0603
AGND
0402
0
R64
0805
10PF
C66
0603
10
R65
AGND
R48
10
0603
C55
10PF
0805
R49
0
0402
AGND
0603
10
R51
0805
10PF
C57
0402
0
R52
R53
0
0402
R46
0
0402
C54
10PF
0805
R47
10
0603
AGND
0402
0
R43
0805
10PF
C52
0603
10
R44
AGND
AGND
R41
10
0603
C49
10PF
0805
R39
0
0402
0402
0
R40
0805
10PF
C51
C53
10PF
0805
C60
10PF
0805
0805
10PF
C62
C56
10PF
0805
0805
10PF
C58
0805
10PF
C65
C63
10PF
0805
C50
10PF
0805
0805
10PF
C67
C69
10PF
0805
0805
10PF
C36
C37
0.1UF
0402
U10
AD8022
MSOP8
5
7
6
MSOP8
AD8022
U11
3
1
2
U11
AD8022
MSOP8
5
7
6
U12
AD8022
MSOP8
5
7
6
MSOP8
AD8022
U13
3
1
2
U13
AD8022
MSOP8
5
7
6
MSOP8
AD8022
U12
3
1
2
AGND
0805
10PF
C35
C34
10PF
0805
0402
0
R67
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
R42
0
0402
0402
0.1UF
C42
0402
0
R45
0402
0
R50
R63
0
0402
R66
0
0402
R27
10K
0402
R28
10K
0402
R29
10K
0402
R30
10K
0402
R34
10K
0402
R33
10K
0402
R32
10K
0402
R31
10K
0402
R36
10K
0402
R35
10K
0402
R38
10K
0402
R37
10K
0402
AGND
ADC BUFFERS
4
10
17-12-2009_16:20
D
4
3
2
1
A
B
C
20 Cotton Road
Nashua, NH 03063
A
B
C
D
4
3
2
1
PH: 1-800-ANALOGD
C
Title
Size
Board No.
Date
Sheet
of
DEVICES
ANALOG
Rev
A0226-2009
ADSP-BF506F EZ-KIT LITE
1.0
U9
AD8022
MSOP8
3
1
2
MSOP8
AD8022
U9
5
7
6
MSOP8
AD8022
U14
3
1
2
MSOP8
AD8022
U10
3
1
2
IN_VB1
IN_VB2
VA1
IN_VA1
VB1
VB2
VA2
IN_VA2
VA6
VB6
VB3
VB4
VB5
+AVCC
-AVCC
VA5
IN_VA3
IN_VB3
IN_VB4
IN_VA4
IN_VA5
IN_VA6
IN_VB6
IN_VB5
VA3
VA4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com