Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2104FBD48/00 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC2104FBD48/00
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104FBD48/00 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC2104FBD48/00 Datasheet HTML 13Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 14Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 15Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 16Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 17Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 18Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 19Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 20Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
17 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
Standard modem interface signals included on UART 1.
6.10.2 UART features available in LPC2104/2105/2106/01 only
Compared to previous LPC2000 microcontrollers, UARTs in LPC2104/2105/2106/01
introduce a fractional baud rate generator for both UARTs, enabling these microcontrollers
to achieve standard baud rates such as 115200 Bd with any crystal frequency above
2 MHz. In addition, auto-CTS/RTS flow-control functions are fully implemented in
hardware.
Fractional baud rate generator enables standard baud rates such as 115200 Bd to be
achieved with any crystal frequency above 2 MHz.
Autobauding.
Auto-CTS/RTS flow-control fully implemented in hardware.
6.11 I2C-bus serial I/O controller
I2C is a bidirectional bus for inter-IC control using only two wires: a serial clock line (SCL),
and a serial data line (SDA). Each device is recognized by a unique address and can
operate as either a receiver-only device (e.g. an LCD driver or a transmitter with the
capability to both receive and send information (such as memory). Transmitters and/or
receivers can operate in either master or slave mode, depending on whether the chip has
to initiate a data transfer or is only addressed. I2C is a multi-master bus, it can be
controlled by more than one bus master connected to it.
The I2C-bus implemented in LPC2104/2105/2106 supports bit rate up to 400 kbit/s (Fast
I2C-bus).
6.11.1 Features
Standard I2C compliant bus interface.
Easy to configure as Master, Slave or Master/Slave.
Programmable clocks allow versatile rate control.
Bidirectional data transfer between masters and slaves.
Multi-master bus (no central master).
Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus.
Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
The I2C-bus may be used for test and diagnostic purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com