Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2104FBD48/00 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC2104FBD48/00
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104FBD48/00 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC2104FBD48/00 Datasheet HTML 24Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 25Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 26Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 27Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 28Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 29Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 30Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 31Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
28 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
LPC2104/2105/2106 and LPC2104/2105/2106/00 power consumption
IDD(act)
active mode supply current
VDD(1V8) = 1.8 V;
CCLK = 60 MHz;
Tamb =25 °C; code
while(1){}
executed from flash; all
peripherals enabled via
PCONP register but not
configured to run
-35
-
mA
IDD(pd)
Power-down mode supply
current
VDD(1V8) = 1.8 V;
Tamb =25 °C,
-10
-
µA
VDD(1V8) = 1.8 V;
Tamb =85 °C
-
50
500
µA
LPC2104/2105/2106/01 power consumption
IDD(act)
active mode supply current
VDD(1V8) = 1.8 V;
CCLK = 60 MHz;
Tamb =25 °C; code
while(1){}
executed from flash; all
peripherals enabled via
PCONP register but not
configured to run[11]
-40
-
mA
IDD(idle)
Idle mode supply current
VDD(1V8) = 1.8 V;
CCLK = 60 MHz;
Tamb =25 °C;
executed from flash; all
peripherals enabled via
PCONP register but not
configured to run[11]
-7
-
mA
IDD(pd)
Power-down mode supply
current
VDD(1V8) = 1.8 V;
Tamb =25 °C,
-10
-
µA
VDD(1V8) = 1.8 V;
Tamb =85 °C
-
-
300
µA
I2C-bus pins
VIH
HIGH-state input voltage
0.7VDD(3V3)
--V
VIL
LOW-state input voltage
-
-
0.3VDD(3V3) V
Vhys
hysteresis voltage
-
0.5VDD(3V3) -V
VOL
LOW-state output voltage
IOLS = 3 mA
[7] -
-
0.4
V
ILI
input leakage current
VI =VDD(3V3)
[12] -2
4
µA
VI =5V
-
10
22
µA
Table 9.
Static characteristics …continued
Tamb =0 °C to +70 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com