Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2104FBD48/00 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # LPC2104FBD48/00
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104FBD48/00 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button LPC2104FBD48/00 Datasheet HTML 22Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 23Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 24Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 25Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 26Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 27Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 28Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 29Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
26 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
7.
Limiting values
[1]
The following applies to Table 8:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[2]
Internal rail.
[3]
External rail.
[4]
Including voltage on outputs in 3-state mode.
[5]
Only valid when the VDD(3V3) supply voltage is present.
[6]
Not to exceed 4.6 V.
[7]
Per supply pin.
[8]
The peak current is limited to 25 times the corresponding maximum current.
[9]
Per ground pin.
[10] Dependent on package type.
[11] Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
[12] Machine model: equivalent to discharging a 200 pF capacitor through a 0.75
µH coil and a 10 Ω series resistor.
Table 8.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(1V8)
supply voltage (1.8 V)
[2]
−0.5
+2.5
V
VDD(3V3)
supply voltage (3.3 V)
[3]
−0.5
+3.6
V
VI
input voltage
5 V tolerant I/O pins
[4][5]
−0.5
+6.0
V
other I/O pins
[4][6]
−0.5
VDD(3V3) + 0.5
V
IDD
supply current
[7][8] -
100
mA
ISS
ground current
[8][9] -
100
mA
Tstg
storage temperature
[10]
−65
+150
°C
Ptot(pack)
total power dissipation (per
package)
based on package heat
transfer, not device power
consumption
-
1.5
W
Vesd
electrostatic discharge voltage
human body model
[11]
all pins
−2000
+2000
V
machine model
[12]
all pins
−200
+200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com