Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2104FBD48/00 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2104FBD48/00
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104FBD48/00 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2104FBD48/00 Datasheet HTML 1Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 2Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 3Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 4Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 5Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 6Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 7Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 8Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
2 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
I In-System Programming (ISP) and In-Application Programming (IAP) via on-chip
bootloader software. Flash programming takes 1 ms per 512 B line. Single sector or
full chip erase takes 400 ms.
I Vectored Interrupt Controller with configurable priorities and vector addresses.
I EmbeddedICE-RT interface enables breakpoints and watch points. Interrupt service
routines can continue to execute whilst the foreground task is debugged with the
on-chip RealMonitor software.
I Embedded Trace Macrocell enables non-intrusive high speed real-time tracing of
instruction execution.
I Multiple serial interfaces including two UARTs (16C550), Fast I2C-bus (400 kbit/s), and
SPI.
I Two 32-bit timers (7 capture/compare channels), PWM unit (6 outputs), Real Time
Clock and Watchdog.
I Up to thirty-two 5 V tolerant general purpose I/O pins in a tiny LQFP48 (7 mm × 7 mm)
package.
I 60 MHz maximum CPU clock available from programmable on-chip Phase-Locked
Loop with settling time of 100
µs.
I The on-chip crystal oscillator should have an operating range of 1 MHz to 25 MHz.
I Two low power modes, Idle and Power-down.
I Processor wake-up from Power-down mode via external interrupt.
I Individual enable/disable of peripheral functions for power optimization.
I Dual power supply:
N CPU operating voltage range of 1.65 V to 1.95 V (1.8 V ± 8.3 %).
N I/O power supply range of 3.0 V to 3.6 V (3.3 V ± 10 %) with 5 V tolerant I/O pads.
3.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2104BBD48
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
LPC2104FBD48/00
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
LPC2104FBD48/01
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
LPC2105BBD48
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
LPC2105FBD48/00
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
LPC2105FBD48/01
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
LPC2106BBD48
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2
LPC2106FBD48
LQFP48
plastic low profile quad flat package; 48 leads;
body 7
× 7 × 1.4 mm
SOT313-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com