Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2104FBD48/00 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LPC2104FBD48/00
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104FBD48/00 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC2104FBD48/00 Datasheet HTML 23Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 24Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 25Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 26Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 27Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 28Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 29Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 30Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
27 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
8.
Static characteristics
Table 9.
Static characteristics
Tamb =0 °C to +70 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD(1V8)
supply voltage (1.8 V)
[2] 1.65
1.8
1.95
V
VDD(3V3)
supply voltage (3.3 V)
[3] 3.0
3.3
3.6
V
Standard port pins, RESET, RTCK, and DBGSEL
IIL
LOW-state input current
VI = 0 V; no pull-up
-
-
3
µA
IIH
HIGH-state input current
VI =VDD(3V3); no pull-down
-
-
3
µA
IOZ
OFF-state output current
VO =0V, VO =VDD(3V3);
no pull-up/down
--
3
µA
Ilatch
I/O latch-up current
−(0.5V
DD(3V3)) < VI <
(1.5VDD(3V3)); Tj < 125 °C
100
-
-
mA
VI
input voltage
[4][5]
[6]
0
-
5.5
V
VO
output voltage
output active
0
-
VDD(3V3)
V
VIH
HIGH-state input voltage
2.0
-
-
V
VIL
LOW-state input voltage
-
-
0.8
V
Vhys
hysteresis voltage
-
0.4
-
V
VOH
HIGH-state output voltage
IOH = −4 mA
[7] VDD(3V3) − 0.4 -
-
V
VOL
LOW-state output voltage
IOL = 4 mA
[7] -
-
0.4
V
IOH
HIGH-state output current
VOH =VDD(3V3) − 0.4 V
[7]
−4
--mA
IOL
LOW-state output current
VOL = 0.4 V
[7] 4
--mA
IOHS
HIGH-state short-circuit
output current
VOH =0V
[8] --
−45
mA
IOLS
LOW-state short-circuit
output current
VOL =VDD(3V3)
[8] -
-
50
mA
Ipd
pull-down current
VI = 5 V; applies to DBGSEL
[9] 20
50
100
µA
LPC2104/2105/2106 and LPC2104/2105/2106/00
Ipu
pull-up current
VI =0V
[10]
−25
−50
−65
µA
VDD(3V3) < VI < 5 V
[9][10] 00
0
µA
LPC2104/2105/2106/01
Ipu
pull-up current
VI =0V
[10]
−15
−50
−85
µA
VDD(3V3) < VI < 5 V
[9][10] 00
0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com