Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4B3C Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 48Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 49Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 50Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 51Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 52Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 53Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 54Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 55Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 127 page
background image
Option bytes
8
Option bytes contain configurations for device hardware features as well as the memory
protection of the device. They are stored in a dedicated block of the memory. Except for the
ROP (read-out protection) byte, each option byte has to be stored twice, in a regular form
(OPTx) and a complemented one (NOPTx) for redundancy.
Option bytes can be modified in ICP mode (via SWIM) by accessing the EEPROM address
shown in the table below.
Option bytes can also be modified ‘on the fly’ by the application in IAP mode, except the ROP
option that can only be modified in ICP mode (via SWIM).
Refer to the STM8S Flash programming manual (PM0051) and STM8 SWIM communication
protocol and debug module user manual (UM0470) for information on SWIM programming
procedures.
Table 12: Option bytes
Factory
default
setting
Option bits
Option
byte no.
Option
name
Addr.
0
1
2
3
4
5
6
7
00h
ROP [7:0]
OPT0
Read-out
protection
(ROP)
0x4800
00h
UBC [7:0]
OPT1
User boot
code(UBC)
0x4801
FFh
NUBC [7:0]
NOPT1
0x4802
00h
AFR0
AFR1
AFR2
AFR3
AFR4
AFR5
AFR6
AFR7
OPT2
Alternate
function
0x4803
FFh
NAFR0
NAFR1
NAFR2
NAFR3
NAFR4
NAFR5
NAFR6
NAFR7
NOPT2
0x4804
remapping
(AFR)
00h
WWDG
_HALT
WWDG
_HW
IWDG
_HW
LSI_ EN
HSI
TRIM
Reserved
OPT3
Miscell.
option
0x4805h
FFh
NWW
G_HALT
NWWDG
_HW
NIWDG
_HW
NLSI_
EN
NHSI
TRIM
Reserved
NOPT3
0x4806
00h
PRS C0
PRS C1
CKAWU
SEL
EXT CLK
Reserved
OPT4
Clock
option
0x4807
FFh
NPR
SC0
NPRSC1
NCKA
WUSEL
NEXT
CLK
Reserved
NOPT4
0x4808
00h
HSECNT [7:0]
OPT5
HSE clock
startup
0x4809
FFh
NHSECNT [7:0]
NOPT5
0x480A
00h
Reserved
OPT6
Reserved
0x480B
DocID14771 Rev 9
52/127
STM8S105xx
Option bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com