Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4B3C Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 57Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 58Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 59Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 60Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 61Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 62Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 63Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 64Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 127 page
background image
Unit
Max.
(1)
Ratings
Symbol
±4
Injected current on NRST pin
IINJ(PIN)
(4) (5)
±4
Injected current on OSCIN pin
±4
Injected current on any other pin
(6)
±20
Total injected current (sum of all I/O and control pins)
(6)
ΣIINJ(PIN)
(4)
(1) Data based on characterization results, not tested in production.
(2) All power (V
DD, VDDIO, VDDA) and ground (VSS, VSSIO, VSSA) pins must always be
connected to the external supply.
(3) I/O pins used simultaneously for high current source/sink must be uniformly spaced
around the package between the VDDIO/VSSIO pins.
(4) I
INJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected.
If VIN maximum cannot be respected, the injection current must be limited externally to the
IINJ(PIN) value. A positive injection is induced by VIN>VDD while a negative injection is induced
by VIN<VSS. For true open-drain pads, there is no positive injection current, and the
corresponding VIN maximum must always be respected
(5) Negative injection disturbs the analog performance of the device. See note in I2C interface
characteristics.
(6) When several inputs are submitted to a current injection, the maximum ΣI
INJ(PIN) is the
absolute sum of the positive and negative injected currents (instantaneous values). These
results are based on characterization with ΣIINJ(PIN) maximum current injection on four I/O
port pins of the device.
Table 18: Thermal characteristics
Unit
Value
Ratings
Symbol
°C
-65 to 150
Storage temperature range
TSTG
150
Maximum junction temperature
TJ
Operating conditions
10.3
The device must be used in operating conditions that respect the parameters in the table
below. In addition, full account must be taken of all physical capacitor characteristics and
tolerances.
61/127
DocID14771 Rev 9
Electrical characteristics
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com