Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4B3C Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 25Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 26Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 27Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 28Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 29Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 30Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 31Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 32Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 127 page
background image
Memory and register map
6
Memory map
6.1
Figure 7: Memory map
0x00 FFFF
Flash program memory
(16 to 32 Kbytes)
0x00 8000
Reserved
0x01 0000
0x02 7FFF
0x00 0000
RAM
0x00 07FF
(2 Kbytes)
 
 
0x00 4000
0x00 43FF
1 Kbyte data EEPROM
Reserved
Reserved
0x00 4400
0x00 47FF
32 interrupt vectors
0x00 807F
GPIO and periph. reg.
0x00 5000
0x00 57FF
0x00 5800
0x00 7FFF
0x00 4900
0x00 4FFF
2 Kbytes boot ROM
0x00 6000
0x00 67FF
0x00 6800
0x00 7EFF
CPU/SWIM/debug/ITC
registers
0x00 7F00
0x00 5FFF
Reserved
Reserved
Reserved
Option bytes
0x00 4800
0x00 487F
512 bytes stack
The following table lists the boundary addresses for each memory size. The top of the stack
is at the RAM end address in each case.
29/127
DocID14771 Rev 9
Memory and register map
STM8S105xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com