Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4B3C Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 26Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 27Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 28Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 29Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 30Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 31Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 32Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 33Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 127 page
background image
Table 7: Flash, Data EEPROM and RAM boundary addresses
End address
Start address
Size (bytes)
Memory area
0x00 FFFF
0x00 8000
32K
Flash program memory
0x00 BFFF
0x00 8000
16K
0x00 07FF
0x00 0000
2K
RAM
0x00 43FF
0x00 4000
1024
Data EEPROM
Register map
6.2
I/O port hardware register map
6.2.1
Table 8: I/O port hardware register map
Reset
status
Register name
Register label
Block
Address
0x00
Port A data output latch register
PA_ODR
Port A
0x00 5000
0x00
Port A input pin value register
PA_IDR
0x00 5001
0x00
Port A data direction register
PA_DDR
0x00 5002
0x00
Port A control register 1
PA_CR1
0x00 5003
0x00
Port A control register 2
PA_CR2
0x00 5004
0x00
Port B data output latch register
PB_ODR
Port B
0x00 5005
0x00
Port B input pin value register
PB_IDR
0x00 5006
0x00
Port B data direction register
PB_DDR
0x00 5007
0x00
Port B control register 1
PB_CR1
0x00 5008
0x00
Port B control register 2
PB_CR2
0x00 5009
DocID14771 Rev 9
30/127
STM8S105xx
Memory and register map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com