Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4B3C Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM8S105C4B3C
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 32 Kbytes Flash, integrated EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4B3C Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM8S105C4B3C Datasheet HTML 94Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 95Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 96Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 97Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 98Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 99Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 100Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 101Page - STMicroelectronics STM8S105C4B3C Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 127 page
background image
Figure 44: Typical application with I
2C bus and timing diagram (1)
ai15385
S TART
SDA
I²C bus
VDD
VDD
STM8S105xx
SDA
SCL
tf(SDA)
tr(SDA)
SCL
th(STA)
tw(SCKH)
tw(SCKL)
tsu(SDA)
tr(SCK)
tf(SCK)
th(SDA)
S TART REPEATED
S TART
tsu(STA)
tsu(STO)
S TOP
tsu(STA:STO)
1. Measurement points are made at CMOS levels: 0.3 x VDD and 0.7 x VDD
10-bit ADC characteristics
10.3.11
Subject to general operating conditions for VDDA, fMASTER, and TA unless otherwise specified.
Table 45: ADC characteristics
Unit
Max
Typ
Min
Conditions
Parameter
Symbol
MHz
4
1
VDDA =2.95 to 5.5 V
ADC clock frequency
fADC
6
1
VDDA =4.5 to 5.5 V
V
5.5
3
Analog supply
VDDA
V
VDDA
2.75
(1)
Positive reference voltage
VREF+
V
0.5
(1)
V SSA
Negative reference voltage
VREF-
V
V DDA
V SSA
Conversion voltage range
(2)
VAIN
V
VREF+
VREF-
Devices with
external
VREF+/VREF- pins
pF
3
Internal sample and hold
capacitor
CADC
DocID14771 Rev 9
98/127
STM8S105xx
Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com