Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9331FDH Datasheet(PDF) 41 Page - NXP Semiconductors

Part # P89LPC9331FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331FDH Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button P89LPC9331FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 43Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
41 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
7.20.6 Timer overflow toggle output
Timers 0 and 1 can be configured to automatically toggle a port output whenever a timer
overflow occurs. The same device pins that are used for the T0 and T1 count inputs are
also used for the timer toggle outputs. The port outputs will be a logic 1 prior to the first
timer overflow when this mode is turned on.
7.21 RTC/system timer
The P89LPC9331/9341/9351/9361 has a simple RTC that allows a user to continue
running an accurate timer while the rest of the device is powered down. The RTC can be a
wake-up or an interrupt source. The RTC is a 23-bit down counter comprised of a 7-bit
prescaler and a 16-bit loadable down counter. When it reaches all logic 0s, the counter will
be reloaded again and the RTCF flag will be set. The clock source for this counter can be
either the CPU clock (CCLK) or the XTAL oscillator. Only power-on reset and watchdog
reset will reset the RTC and its associated SFRs to the default state.
The 16-bit loadable counter portion of the RTC is readable by reading the RTCDATL and
RTCDATH registers.
7.22 CCU (P89LPC9351/9361)
This unit features:
• A 16-bit timer with 16-bit reload on overflow.
• Selectable clock, with prescaler to divide clock source by any integral number
between 1 and 1024.
• Four compare/PWM outputs with selectable polarity
• Symmetrical/asymmetrical PWM selection
• Two capture inputs with event counter and digital noise rejection filter
• Seven interrupts with common interrupt vector (one overflow, two capture, four
compare)
• Safe 16-bit read/write via shadow registers.
7.22.1 CCU clock
The CCU runs on the CCUCLK, which is either PCLK in basic timer mode, or the output of
a PLL. The PLL is designed to use a clock source between 0.5 MHz to 1 MHz that is
multiplied by 32 to produce a CCUCLK between 16 MHz and 32 MHz in PWM mode
(asymmetrical or symmetrical). The PLL contains a 4-bit divider to help divide PCLK into a
frequency between 0.5 MHz and 1 MHz.
7.22.2 CCUCLK prescaling
This CCUCLK can further be divided down by a prescaler. The prescaler is implemented
as a 10-bit free-running counter with programmable reload at overflow.
7.22.3 Basic timer operation
The timer is a free-running up/down counter with a direction control bit. If the timer
counting direction is changed while the counter is running, the count sequence will be
reversed. The timer can be written or read at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com