Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9331FDH Datasheet(PDF) 75 Page - NXP Semiconductors

Part # P89LPC9331FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331FDH Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button P89LPC9331FDH Datasheet HTML 71Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 72Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 73Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 74Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 75Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 76Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 77Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 78Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
75 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
10.3 BOD characteristics
[1]
Typical ratings are not guaranteed. The values listed are at room temperature, 3 V.
Table 13.
BOD static characteristics
VDD = 2.4 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial applications, −40 °C to +125 °C extended, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
BOD interrupt
Vtrip
trip voltage
falling stage
BOICFG1, BOICFG0 = 01
2.25
-
2.55
V
BOICFG1, BOICFG0 = 10
2.60
-
2.80
V
BOICFG1, BOICFG0 = 11
3.10
-
3.40
V
rising stage
BOICFG1, BOICFG0 = 01
2.40
-
2.60
V
BOICFG1, BOICFG0 = 10
2.70
-
2.90
V
BOICFG1, BOICFG0 = 11
3.10
-
3.40
V
BOD reset
Vtrip
trip voltage
falling stage
BOE1, BOE0 = 01
2.10
-
2.30
V
BOE1, BOE0 = 10
2.35
-
2.50
V
BOE1, BOE0 = 11
2.90
-
3.20
V
rising stage
BOE1, BOE0 = 01
2.20
-
2.40
V
BOE1, BOE0 = 10
2.45
-
2.60
V
BOE1, BOE0 = 11
2.90
-
3.30
V
BOD EEPROM/FLASH
Vtrip
trip voltage
falling stage
2.25
-
2.60
V
rising stage
2.35
-
2.65
V
Fig 40. BOD interrupt/reset characteristics
VDD
Vtrip
002aae352
(BOF/BOIF
set by hardware)
(BOF/BOIF can be
cleared in software)
BOF/BOIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com