Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9331FDH Datasheet(PDF) 61 Page - NXP Semiconductors

Part # P89LPC9331FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331FDH Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button P89LPC9331FDH Datasheet HTML 57Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 58Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 59Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 60Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 61Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 62Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 63Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 64Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
61 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
8.4 PGA (P89LPC9351/9361)
Additional PGA module is integrated in each ADC module to improve the effective
resolution of the ADC. A single channel can be selected for amplification. The gain of PGA
can be programmable to 2, 4, 8 and 16. Please refer to Table 12 “Static characteristics” for
detailed specifications.
Register PGACONx and PGACONxB are used to for PGA configuration. Register
PGAxTRIM2X4X and PGAxTRIM8X16X provide trim value of PGA gain level. As
power-on, default trim value for each gain setting is loaded into the PGA trim registers. For
accurate measurements, offset calibration is required.
Please see the P89LPC9331/9341/9351/9361
User manual for detail configuration,
calibration, and usage information.
8.5 Temperature sensor
An on-chip wide-temperature range temperature sensor is integrated with ADC0 module.
It provides temperature sensing capability of
−40 °C ~ 85 °C. It is necessary to measure
the 1.2 V reference voltage via the ADC before measuring temperature. In
P89LPC9351/9361, the reference voltage, temperature sensor and AD03 input pin
multiplex one input to PGA0. Please see the P89LPC9331/9341/9351/9361
User manual
for detail usage of temperature sensor.
Fig 24. P89LPC9351/9361 ADC block diagram
+
–
comp
PGA0
AD00
8
CONTROL
LOGIC
AD01
AD02
AD03
Vref(bg)
Vsen
+
–
comp
to comparators
SAR
SAR
8
input MUX
Anin00
Anin01
Anin02
Anin03
input MUX
CCLK
002aad576
PGA1
AD10
4
AD11
AD12
AD13
DAC0
DAC1
Anin10
Anin11
Anin12
Anin13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com