Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9331FDH Datasheet(PDF) 58 Page - NXP Semiconductors

Part # P89LPC9331FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331FDH Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button P89LPC9331FDH Datasheet HTML 54Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 55Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 56Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 57Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 58Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 59Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 60Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 61Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
58 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
7.30.10 Hardware activation of the bootloader
The bootloader can also be executed by forcing the device into ISP mode during a
power-on sequence (see the P89LPC9331/9341/9351/9361
User manual for specific
information). This has the same effect as having a non-zero status byte. This allows an
application to be built that will normally execute user code but can be manually forced into
ISP operation. If the factory default setting for the boot is changed, it will no longer point to
the factory pre-programmed ISP bootloader code. After programming the flash, the status
byte should be programmed to zero in order to allow execution of the user’s application
code beginning at address 0000H.
7.31 User configuration bytes
Some user-configurable features of the P89LPC9331/9341/9351/9361 must be defined at
power-up and therefore cannot be set by the program after start of execution. These
features are configured through the use of the flash byte UCFG1 and UCFG2. Please see
the P89LPC9331/9341/9351/9361
User manual for additional details.
7.32 User sector security bytes
There are 4/8/6 User Sector Security Bytes on the P89LPC9331/9341/9351/9361. Each
byte corresponds to one sector. Please see the P89LPC9331/9341/9351/9361
User
manual for additional details.
8.
ADC
8.1 General description
The P89LPC9331/9341/9351/9361 has two 8-bit, 4-channel multiplexed successive
approximation analog-to-digital converter modules. An on-chip temperature sensor is
integrated within ADC0 and operates over wide temperature. In P89LPC9351/9361, two
high-speed programmable gain amplifiers (PGA) are integrated. The PGAs provide
selectable gains of 2x, 4x, 8x, or 16x. A block diagram of the ADC is shown in Figure 23
and Figure 24.
Each ADC consists of a 4-input multiplexer which feeds a sample-and-hold circuit
providing an input signal to comparator inputs. The control logic in combination with the
SAR drives a digital-to-analog converter which provides the other input to the comparator.
The output of the comparator is fed to the SAR.
8.2 Features
I Two 8-bit, 4-channel multiplexed input, successive approximation ADCs.
P89LPC9341
1FH
1F00H
1E00H to 1FFFH
1C00H to 1FFFH
P89LPC9351
1FH
1F00H
1E00H to 1FFFH
1C00H to 1FFFH
P89LPC9361
3FH
3F00H
3E00H to 3FFFH
3C00H to 3FFFH
Table 10.
Default boot vector values and ISP entry points …continued
Device
Default
boot vector
Default
bootloader
entry point
Default bootloader
code range
1 kB sector
range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com