Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9331FDH Datasheet(PDF) 62 Page - NXP Semiconductors

Part # P89LPC9331FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331FDH Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button P89LPC9331FDH Datasheet HTML 58Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 59Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 60Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 61Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 62Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 63Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 64Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 65Page - NXP Semiconductors P89LPC9331FDH Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
62 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
8.6 ADC operating modes
8.6.1 Fixed channel, single conversion mode
A single input channel can be selected for conversion. A single conversion will be
performed and the result placed in the result register pair which corresponds to the
selected input channel. An interrupt, if enabled, will be generated after the conversion
completes.
In P89LPC9351/9361, in fixed channel mode, the PGA channel selection is dependent on
the ADC channel selection. If PGA is enabled, all the selected channels for A/D
conversion will be amplified and the gain amplify level is the same.
8.6.2 Fixed channel, continuous conversion mode
A single input channel can be selected for continuous conversion. The results of the
conversions will be sequentially placed in the four result register. The user may select
whether an interrupt can be generated after every four conversions. Additional conversion
results will again cycle through the four result register, overwriting the previous results.
Continuous conversions continue until terminated by the user.
In P89LPC9351/9361, in fixed channel mode, the PGA channel selection is independent
and can be different to A/D conversion channel selection. If different, the gain of the
selected ADC channel is 1.
8.6.3 Auto scan, single conversion mode
Any combination of the four input channels can be selected for conversion. A single
conversion of each selected input will be performed and the result placed in the result
register which corresponds to the selected input channel. An interrupt, if enabled, will be
generated after all selected channels have been converted. If only a single channel is
selected this is equivalent to single channel, single conversion mode.
In P89LPC9351/9361, in auto scan mode, the PGA channel selection is dependent on the
ADC channel selection. If PGA is enabled, all the selected channel for A/D conversion will
be amplified and the gain amplify level is the same.
8.6.4 Auto scan, continuous conversion mode
Any combination of the four input channels can be selected for conversion. A conversion
of each selected input will be performed and the result placed in the result register which
corresponds to the selected input channel. An interrupt, if enabled, will be generated after
all selected channels have been converted. The process will repeat starting with the first
selected channel. Additional conversion results will again cycle through the eight result
register pairs, overwriting the previous results. Continuous conversions continue until
terminated by the user.
In P89LPC9351/9361, in auto scan mode, the PGA channel selection is dependent on the
ADC channel selection. If PGA is enabled, all the selected channel for A/D conversion will
be amplified and the gain amplify level is the same.
8.6.5 Dual channel, continuous conversion mode
This is a variation of the auto scan continuous conversion mode where conversion occurs
on two user-selectable inputs. The result of the conversion of the first channel is placed in
the result register, ADxDAT0. The result of the conversion of the second channel is placed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com