Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8562 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8562 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 17Page - NXP Semiconductors PCF8562 Datasheet HTML 18Page - NXP Semiconductors PCF8562 Datasheet HTML 19Page - NXP Semiconductors PCF8562 Datasheet HTML 20Page - NXP Semiconductors PCF8562 Datasheet HTML 21Page - NXP Semiconductors PCF8562 Datasheet HTML 22Page - NXP Semiconductors PCF8562 Datasheet HTML 23Page - NXP Semiconductors PCF8562 Datasheet HTML 24Page - NXP Semiconductors PCF8562 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
PCF8562_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 18 March 2009
21 of 36
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
7.16.6 Input filters
To enhance noise immunity in electrically adverse environments, RC low-pass filters are
provided on the SDA and SCL lines.
7.16.7 I2C-bus protocol
Two I2C-bus slave addresses (0111 000 and 0111 001) are reserved for the PCF8562.
The least significant bit of the slave address that a PCF8562 will respond to is defined by
the level tied to its SA0 input. The PCF8562 is a write-only device and will not respond to
a read access.
The I2C-bus protocol is shown in Figure 15. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of two possible PCF8562
slave addresses available. All PCF8562s whose SA0 inputs correspond to bit 0 of the
slave address respond by asserting an acknowledge in parallel. This I2C-bus transfer is
ignored by all PCF8562s whose SA0 inputs are set to the alternative level.
After an acknowledgement, one or more command bytes follow, that define the status of
each addressed PCF8562.
The last command byte sent is identified by resetting its most significant bit, continuation
bit C, (see Figure 16). The command bytes are also acknowledged by all addressed
PCF8562s on the bus.
After the last command byte, one or more display data bytes may follow. Display data
bytes are stored in the display RAM at the address specified by the data pointer and the
subaddress counter. Both data pointer and subaddress counter are automatically
updated.
Fig 15. I2C-bus protocol
Fig 16. Format of command byte
mdb078
S
A
0
S
011100
0 A C
COMMAND
A
P
A
DISPLAY DATA
slave address
R/W
acknowledge by
all addressed
PCF8576Ds
acknowledge
by A0, A1 and A2
selected
PCF8576D only
1 byte
update data pointers
and if necessary,
subaddress counter
n
≥ 1 byte(s)
n
≥ 0 byte(s)
msa833
REST OF OPCODE
C
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com