Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8562 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8562 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8562 Datasheet HTML 1Page - NXP Semiconductors PCF8562 Datasheet HTML 2Page - NXP Semiconductors PCF8562 Datasheet HTML 3Page - NXP Semiconductors PCF8562 Datasheet HTML 4Page - NXP Semiconductors PCF8562 Datasheet HTML 5Page - NXP Semiconductors PCF8562 Datasheet HTML 6Page - NXP Semiconductors PCF8562 Datasheet HTML 7Page - NXP Semiconductors PCF8562 Datasheet HTML 8Page - NXP Semiconductors PCF8562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
PCF8562_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 18 March 2009
5 of 36
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
6.2 Pin description
7.
Functional description
The PCF8562 is a versatile peripheral device designed to interface any
microprocessor or microcontroller with a wide variety of LCDs. It can directly drive any
static or multiplexed LCD containing up to four backplanes and up to 32 segments.
The possible display configurations of the PCF8562 depend on the number of active
backplane outputs required. A selection of display configurations is shown in Table 4. All
of these configurations can be implemented in the typical system shown in Figure 3.
Table 3.
Pin description
Symbol
Pin
Description
SDA
10
I2C-bus serial data input and output
SCL
11
I2C-bus serial clock input
SYNC
12
cascade synchronization input or output
CLK
13
external clock input or output
VDD
14
supply voltage
OSC
15
internal oscillator enable input
A0 to A2
16 to 18
subaddress inputs
SA0
19
I2C-bus address input; bit 0
VSS
20
ground supply voltage
VLCD
21
LCD supply voltage
BP0 to BP3
22 to 25
LCD backplane outputs
S0 to S22,
S23 to S31
26 to 48,
1 to 9
LCD segment outputs
Table 4.
Display configurations
Number of:
7-segment numeric
14-segment numeric
Dot matrix
Backplanes
Segments Digits Indicator
symbols
Characters
Indicator
symbols
4
128
16
16
8
16
128 dots (4
× 32)
3
96
12
12
6
12
96 dots (3
× 32)
2
64
8
8
4
8
64 dots (2
× 32)
1
32
4
4
2
4
32 dots (1
× 32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com