Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8562 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8562 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 26Page - NXP Semiconductors PCF8562 Datasheet HTML 27Page - NXP Semiconductors PCF8562 Datasheet HTML 28Page - NXP Semiconductors PCF8562 Datasheet HTML 29Page - NXP Semiconductors PCF8562 Datasheet HTML 30Page - NXP Semiconductors PCF8562 Datasheet HTML 31Page - NXP Semiconductors PCF8562 Datasheet HTML 32Page - NXP Semiconductors PCF8562 Datasheet HTML 33Page - NXP Semiconductors PCF8562 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
PCF8562_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 18 March 2009
30 of 36
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
12. Package outline
Fig 20. Package outline SOT362-1 (TSSOP48)
UNIT
A1
A2
A3
bp
cD(1)
E(2)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.2
0.1
8
0
o
o
0.1
DIMENSIONS (mm are the original dimensions).
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
SOT362-1
99-12-27
03-02-19
w M
θ
A
A1
A2
D
L p
Q
detail X
E
Z
e
c
L
X
(A )
3
0.25
124
48
25
y
pin 1 index
b
H
1.05
0.85
0.28
0.17
0.2
0.1
12.6
12.4
6.2
6.0
0.5
1
0.25
8.3
7.9
0.50
0.35
0.8
0.4
0.08
0.8
0.4
p
E
v M A
A
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1 mm
SOT362-1
A
max.
1.2
0
2.5
5 mm
scale
MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com