Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8562 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8562 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 25Page - NXP Semiconductors PCF8562 Datasheet HTML 26Page - NXP Semiconductors PCF8562 Datasheet HTML 27Page - NXP Semiconductors PCF8562 Datasheet HTML 28Page - NXP Semiconductors PCF8562 Datasheet HTML 29Page - NXP Semiconductors PCF8562 Datasheet HTML 30Page - NXP Semiconductors PCF8562 Datasheet HTML 31Page - NXP Semiconductors PCF8562 Datasheet HTML 32Page - NXP Semiconductors PCF8562 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
PCF8562_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 18 March 2009
29 of 36
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
Fig 18. Driver timing waveforms
Fig 19. I2C-bus timing waveforms
001aac268
0.7VDD
0.3VDD
0.7VDD
0.3VDD
SYNC
CLK
0.5 V
0.5 V
tPD(LCD)
tPD(SYNC)
BP0 to BP3,
and S0 to S31
tPD(SYNC)
tSYNCL
(VDD = 5 V)
1/fCLK
tCLKL
tCLKH
SDA
mga728
SDA
SCL
tSU;STA
tSU;STO
tHD;STA
tBUF
tLOW
tHD;DAT
tHIGH
tr
tf
tSU;DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com