Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8562 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8562 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 18Page - NXP Semiconductors PCF8562 Datasheet HTML 19Page - NXP Semiconductors PCF8562 Datasheet HTML 20Page - NXP Semiconductors PCF8562 Datasheet HTML 21Page - NXP Semiconductors PCF8562 Datasheet HTML 22Page - NXP Semiconductors PCF8562 Datasheet HTML 23Page - NXP Semiconductors PCF8562 Datasheet HTML 24Page - NXP Semiconductors PCF8562 Datasheet HTML 25Page - NXP Semiconductors PCF8562 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
PCF8562_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 18 March 2009
22 of 36
NXP Semiconductors
PCF8562
Universal LCD driver for low multiplex rates
An acknowledgement after each byte is asserted only by the PCF8562s that are
addressed via address lines A0, A1 and A2. After the last display byte, the I2C-bus master
asserts a STOP condition (P). Alternately a START may be asserted to restart an I2C-bus
access.
7.17 Command decoder
The command decoder identifies command bytes that arrive on the I2C-bus.
The commands available to the PCF8562 are defined in Table 7.
[1]
Not used.
All available commands carry a continuation bit C in their most significant bit position as
shown in Figure 16. When this bit is set, it indicates that the next byte of the transfer to
arrive will also represent a command. If this bit is reset, it indicates that the command byte
is the last in the transfer. Further bytes will be regarded as display data (see Table 8).
Table 7.
Definition of PCF8562 commands
Command
Operation Code
Reference
Bit
7
6
5
4
3
2
1
0
mode-set
C
1
0
[1]
E
B
M1
M0
Table 9
load-data-pointer
C
0
0
P4
P3
P2
P1
P0
Table 10
device-select
C
1100A2
A1
A0
Table 11
bank-select
C
11110I
O
Table 12
blink-select
C
1110A
BF1
BF0
Table 13
Table 8.
C bit description
Bit
Symbol
Value
Description
7C
continue bit
0
last control byte in the transfer; next byte will be regarded
as display data
1
control bytes continue; next byte will be a command too



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com