Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2ARMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4051-2ARMZ-R7
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ARMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4051-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4051-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4051-1/ADA4051-2
Rev. B | Page 8 of 20
TA = 25°C, unless otherwise noted.
0.01
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
0.1
1
10
100
1000
10,000
VSY = 1.8V
–40°C
+25°C
+85°C
0.01
0.1
1
10
100
1000
10,000
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VSY = 5V
–40°C
+25°C
+85°C
+125°C
+125°C
Figure 17. Output Voltage (VOL) to Supply Rail vs. Load Current
and Temperature
Figure 20. Output Voltage (VOL) to Supply Rail vs. Load Current
and Temperature
1794
–40 –25 –10
5
20
35
50
65
80
95
110 125
1795
1796
1797
1798
1799
1800
RL = 100kΩ
VSY = 1.8V
RL = 10kΩ
VCM = VSY/2
TEMPERATURE (°C)
Figure 18. Output Voltage (VOH) vs. Temperature
–40 –25 –10
5
20
35
50
65
80
95
110 125
RL = 100kΩ
0
TEMPERATURE (°C)
2
4
6
8
10
12
14
VSY = 1.8V
VCM = VSY/2
RL = 10kΩ
Figure 19. Output Voltage (VOL) vs. Temperature
–40 –25 –10
5
20
35
50
65
80
95
110 125
RL = 100kΩ
4982
4984
4986
4988
4990
4992
4994
4996
4998
5000
VSY = 5V
VCM = VSY/2
RL = 10kΩ
TEMPERATURE (°C)
Figure 21. Output Voltage (VOH) vs. Temperature
–40 –25 –10
5
20
35
50
65
80
95
110 125
RL = 10kΩ
0
2
4
6
8
10
12
14
VSY = 5V
VCM = VSY/2
RL = 100kΩ
TEMPERATURE (°C)
Figure 22. Output Voltage (VOL) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com